Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BCP68 Fiches technique(PDF) 4 Page - NXP Semiconductors

No de pièce BCP68
Description  20 V, 2 A NPN medium power transistors
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCP68 Fiches technique(HTML) 4 Page - NXP Semiconductors

  BCP68_15 Datasheet HTML 1Page - NXP Semiconductors BCP68_15 Datasheet HTML 2Page - NXP Semiconductors BCP68_15 Datasheet HTML 3Page - NXP Semiconductors BCP68_15 Datasheet HTML 4Page - NXP Semiconductors BCP68_15 Datasheet HTML 5Page - NXP Semiconductors BCP68_15 Datasheet HTML 6Page - NXP Semiconductors BCP68_15 Datasheet HTML 7Page - NXP Semiconductors BCP68_15 Datasheet HTML 8Page - NXP Semiconductors BCP68_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
BCP68_BC868_BC68PA
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 18 October 2011
4 of 23
NXP Semiconductors
BCP68; BC868; BC68PA
20 V, 2 A NPN medium power transistors
5.
Limiting values
[1]
Device mounted on an FR4 Printed-Circuit Board (PCB), single-sided copper, tin-plated and standard
footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
[4]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated and standard footprint.
[5]
Device mounted on an FR4 PCB, 4-layer copper, tin-plated, mounting pad for collector 1 cm2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
32
V
VCEO
collector-emitter voltage
open base
-
20
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current
-
2
A
ICM
peak collector current
single pulse;
tp  1ms
-3
A
IB
base current
-
0.4
A
IBM
peak base current
single pulse;
tp  1ms
-0.4
A
Ptot
total power dissipation
Tamb  25 C
BCP68
[1] -0.65
W
[2] -1.00
W
[3] -1.35
W
BC868
[1] -0.50
W
[2] -0.95
W
[3] -1.35
W
BC68PA
[1] -0.42
W
[2] -0.83
W
[3] -1.10
W
[4] -0.81
W
[5] -1.65
W
Tj
junction temperature
-
150
C
Tamb
ambient temperature
55
+150
C
Tstg
storage temperature
65
+150
C


Numéro de pièce similaire - BCP68_15

FabricantNo de pièceFiches techniqueDescription
logo
Guangdong Kexin Industr...
BCP68 KEXIN-BCP68_15 Datasheet
811Kb / 2P
   NPN Transistors
logo
Unisonic Technologies
BCP68 UTC-BCP68_15 Datasheet
182Kb / 3P
   NPN MEDIUM POWER TRANSISTOR
More results

Description similaire - BCP68_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BC68PA-Q_SER NEXPERIA-BC68PA-Q_SER Datasheet
247Kb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS_SER NEXPERIA-BC68PAS_SER Datasheet
2Mb / 13P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 19 June 2015
BCP68 NEXPERIA-BCP68 Datasheet
2Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8 - 18 October 2011
logo
NXP Semiconductors
BC68-25PA PHILIPS-BC68-25PA Datasheet
1Mb / 23P
   20 V, 2 A NPN medium power transistors
Rev. 8-18 October 2011
logo
Nexperia B.V. All right...
BC868-Q_SER NEXPERIA-BC868-Q_SER Datasheet
235Kb / 12P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
BC68PAS NEXPERIA-BC68PAS Datasheet
762Kb / 14P
   20 V, 2 A NPN medium power transistors
BCP68-Q_SER NEXPERIA-BCP68-Q_SER Datasheet
244Kb / 12P
   20 V, 2 A NPN medium power transistors
Rev. 1 - 9 May 2022
logo
NXP Semiconductors
BCP69 PHILIPS-BCP69_15 Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
BC69PA NXP-BC69PA Datasheet
266Kb / 24P
   20 V, 2 A PNP medium power transistors
Rev. 7-12 October 2011
logo
Nexperia B.V. All right...
BC69PAS NEXPERIA-BC69PAS Datasheet
1,022Kb / 16P
   20 V, 2 A PNP medium power transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com