Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAW101 Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BAW101
Description  High voltage double diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAW101 Fiches technique(HTML) 5 Page - NXP Semiconductors

  BAW101_15 Datasheet HTML 1Page - NXP Semiconductors BAW101_15 Datasheet HTML 2Page - NXP Semiconductors BAW101_15 Datasheet HTML 3Page - NXP Semiconductors BAW101_15 Datasheet HTML 4Page - NXP Semiconductors BAW101_15 Datasheet HTML 5Page - NXP Semiconductors BAW101_15 Datasheet HTML 6Page - NXP Semiconductors BAW101_15 Datasheet HTML 7Page - NXP Semiconductors BAW101_15 Datasheet HTML 8Page - NXP Semiconductors BAW101_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2003 May 13
5
NXP Semiconductors
Product data sheet
High voltage double diode
BAW101
handbook, full pagewidth
MBG703
10
tp (µs)
1
IFSM
(A)
102
10−1
104
102
103
10
1
Fig.4 Maximum permissible non-repetitive peak forward current as a function of pulse duration.
Based on square wave currents.
Tj = 25 °C prior to surge.
handbook, halfpage
200
100
50
0
150
102
10
1
10−1
10−2
MLE058
(1)
(2)
Tj (°C)
IR
(
µA)
Fig.5
Reverse current as a function of junction
temperature.
(1) VR = VRMAX: maximum values.
(2) VR = VRMAX: typical values.
handbook, halfpage
02
10
0.6
0.5
0.3
0.2
0.4
4
VR (V)
Cd
(pF)
68
MLE059
Fig.6
Diode capacitance as a function of reverse
voltage; typical values.
f = 1 MHz; Tj = 25 °C.


Numéro de pièce similaire - BAW101_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAW101 DIODES-BAW101_15 Datasheet
79Kb / 4P
   DUAL SURFACE MOUNT SWITCHING DIODE
logo
Central Semiconductor C...
BAW101 CENTRAL-BAW101_15 Datasheet
428Kb / 2P
   ISOLATED HIGH VOLTAGE SILICON SWITCHING DIODES
More results

Description similaire - BAW101_15

FabricantNo de pièceFiches techniqueDescription
logo
Nexperia B.V. All right...
BAW101S NEXPERIA-BAW101S Datasheet
225Kb / 9P
   High voltage double diode
1 October 2022
logo
NXP Semiconductors
BAW101S NXP-BAW101S Datasheet
128Kb / 9P
   High voltage double diode
2003 May 13
logo
Nexperia B.V. All right...
BAW101 NEXPERIA-BAW101 Datasheet
311Kb / 10P
   High voltage double diode
2003 May 13
logo
Guangdong Kexin Industr...
BAW101S KEXIN-BAW101S Datasheet
42Kb / 2P
   High Voltage Double Diode
logo
NXP Semiconductors
BAW101S PHILIPS-BAW101S_15 Datasheet
128Kb / 9P
   High voltage double diode
2003 May 13
BAW101-215 PHILIPS-BAW101-215 Datasheet
136Kb / 9P
   High voltage double diode
2003 May 13
BAW101S PHILIPS-BAW101S Datasheet
72Kb / 10P
   High voltage double diode
2003 May 13
logo
Shenzhen Luguang Electr...
BAW101 LUGUANG-BAW101 Datasheet
160Kb / 5P
   High Voltage Double Diode
logo
Nexperia B.V. All right...
BAW101S-Q NEXPERIA-BAW101S-Q Datasheet
214Kb / 10P
   High voltage double diode
14 September 2021
logo
List of Unclassifed Man...
25Z6GT ETC2-25Z6GT Datasheet
107Kb / 2P
   TWIN DIODE HIGH VACUUM RECTIFIER VOLTAGE DOUBLE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com