Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT754L Fiches technique(PDF) 6 Page - NXP Semiconductors

No de pièce BAT754L
Description  BAT754L_15
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT754L Fiches technique(HTML) 6 Page - NXP Semiconductors

  BAT754L_15 Datasheet HTML 1Page - NXP Semiconductors BAT754L_15 Datasheet HTML 2Page - NXP Semiconductors BAT754L_15 Datasheet HTML 3Page - NXP Semiconductors BAT754L_15 Datasheet HTML 4Page - NXP Semiconductors BAT754L_15 Datasheet HTML 5Page - NXP Semiconductors BAT754L_15 Datasheet HTML 6Page - NXP Semiconductors BAT754L_15 Datasheet HTML 7Page - NXP Semiconductors BAT754L_15 Datasheet HTML 8Page - NXP Semiconductors BAT754L_15 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NXP Semiconductors
BAT754L
Schottky barrier triple diode
BAT754L
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
22 November 2012
6 / 9
sot363_fw
solder lands
solder resist
occupied area
preferred transport
direction during soldering
5.3
1.3
1.3
1.5
0.3
1.5
4.5
2.45
2.5
Dimensions in mm
Fig. 6. Wave soldering footprint for TSSOP6 (SOT363)
11. Revision history
Table 8.
Revision history
Data sheet ID
Release date
Data sheet status
Change notice
Supersedes
BAT754L v.2
20121122
Product data sheet
-
BAT754L v.1
Modifications:
The format of this document has been redesigned to comply with the new identity guidelines
of NXP Semiconductors.
Legal texts have been adapted to the new company name where appropriate.
Section 1 Product profile: updated
Section 4 Marking: updated
Table 5 Limiting values: changed Tamb minimum value to -55 °C according to AEC-Q101
Figure 1 and 2: updated
Section 8 Test information: added
Figure 4: superseded by minimized package outline drawing
Section 10 Soldering: added
Section 11 Legal information: updated
BAT754L v.1
20010118
Product specification
-
-


Numéro de pièce similaire - BAT754L_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT754L PHILIPS-BAT754L Datasheet
53Kb / 8P
   Schottky barrier triple diode
2001 Jan 18
logo
Guangdong Kexin Industr...
BAT754L KEXIN-BAT754L Datasheet
37Kb / 1P
   Schottky Barrier Triple Diode
logo
NXP Semiconductors
BAT754L NXP-BAT754L Datasheet
190Kb / 7P
   Schottky barrier triple diode
2001 Jan 18
logo
Nexperia B.V. All right...
BAT754L NEXPERIA-BAT754L Datasheet
1Mb / 9P
   Schottky barrier triple diode
22 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com