Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAT18 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce BAT18
Description  Silicon planar diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAT18 Fiches technique(HTML) 1 Page - NXP Semiconductors

  BAT18_15 Datasheet HTML 1Page - NXP Semiconductors BAT18_15 Datasheet HTML 2Page - NXP Semiconductors BAT18_15 Datasheet HTML 3Page - NXP Semiconductors BAT18_15 Datasheet HTML 4Page - NXP Semiconductors BAT18_15 Datasheet HTML 5Page - NXP Semiconductors BAT18_15 Datasheet HTML 6Page - NXP Semiconductors BAT18_15 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1.
Product profile
1.1 General description
Planar high performance band-switching diode in a small rectangular SOT23 SMD plastic
package.
1.2 Features
s Continuous reverse voltage: max. 35 V
s Continuous forward current: max. 100 mA
s Low diode capacitance: max. 1.0 pF
s Low diode forward resistance: max. 0.7
Ω.
1.3 Applications
s Band switching.
2.
Pinning information
3.
Ordering information
BAT18
Silicon planar diode
Rev. 02 — 31 August 2004
Product data sheet
Table 1:
Pinning
Pin
Description
Simplified outline
Symbol
1
anode
2
not connected
3
cathode
12
3
sym044
2
1
3
Table 2:
Ordering information
Type number
Package
Name
Description
Version
BAT18
-
plastic surface mounted package; 3 leads
SOT23


Numéro de pièce similaire - BAT18_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
Siemens Semiconductor G...
BAT18- SIEMENS-BAT18- Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
BAT18-04 SIEMENS-BAT18-04 Datasheet
39Kb / 2P
   Silicon RF Switching Diode (Low-loss VHF/UHF switch above 10 MHz Pin diode with low forward resistance)
logo
Infineon Technologies A...
BAT18-04 INFINEON-BAT18-04 Datasheet
432Kb / 3P
   Silicon RF Switching Diode
Jan-07-2003
logo
Guangdong Kexin Industr...
BAT18-04 KEXIN-BAT18-04 Datasheet
35Kb / 1P
   Silicon RF Switching Diode
More results

Description similaire - BAT18_15

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
BA604 VISHAY-BA604 Datasheet
43Kb / 3P
   Silicon Planar Diode
Rev. 2, 01-Apr-99
logo
NXP Semiconductors
BAT18 NXP-BAT18 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
BAT18,215 NXP-BAT18,215 Datasheet
51Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
Vishay Siliconix
BAY135 VISHAY-BAY135 Datasheet
35Kb / 3P
   Silicon Planar Diode
Rev. 3, 18-Mar-99
logo
NXP Semiconductors
BAT18 PHILIPS-BAT18_04 Datasheet
44Kb / 7P
   Silicon planar diode
Rev. 02-31 August 2004
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
CDG22 SEMTECH-CDG22 Datasheet
50Kb / 1P
   SILICON PLANAR BIASING DIODE
logo
GOOD-ARK Electronics
1N4148 GOOD-ARK-1N4148 Datasheet
249Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
LL4448 GOOD-ARK-LL4448 Datasheet
211Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com