Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRL1404ZPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRL1404ZPBF
Description  Advanced Process Technology
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRL1404ZPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRL1404ZPBF_15 Datasheet HTML 1Page - International Rectifier IRL1404ZPBF_15 Datasheet HTML 2Page - International Rectifier IRL1404ZPBF_15 Datasheet HTML 3Page - International Rectifier IRL1404ZPBF_15 Datasheet HTML 4Page - International Rectifier IRL1404ZPBF_15 Datasheet HTML 5Page - International Rectifier IRL1404ZPBF_15 Datasheet HTML 6Page - International Rectifier IRL1404ZPBF_15 Datasheet HTML 7Page - International Rectifier IRL1404ZPBF_15 Datasheet HTML 8Page - International Rectifier IRL1404ZPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRL1404Z/S/LPbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11).
‚ Limited by TJmax, starting TJ = 25°C,
L = 0.079mH, RG = 25
Ω, IAS = 75A, VGS =10V.
Part not recommended for use above this value.
ƒ Pulse width ≤ 1.0ms; duty cycle ≤ 2%.
„ Coss eff. is a fixed capacitance that gives the same
charging time as Coss while VDS is rising from 0 to
80% VDSS .
… Limited by TJmax , see Fig.12a, 12b, 15, 16 for typical
repetitive avalanche performance.
† This value determined from sample failure population. 100%
tested to this value in production.
‡ This is only applied to TO-220AB package.
ˆ When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques
refer to application note #AN-994.
‰Calculated continuous current based on maximum allowable
junction temperature. Bond wire current limit is 120A. Note that
current limitations arising from heating of the device leads may
occur with some lead mounting arrangements.
Š All AC and DC test condition based on former Package limited
current of 75A.
S
D
G
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
ΔV(BR)DSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.034
–––
V/°C
–––
2.5
3.1
RDS(on)
Static Drain-to-Source On-Resistance
–––
–––
4.7
m
Ω
–––
–––
5.9
VGS(th)
Gate Threshold Voltage
1.4
–––
2.7
V
gfs
Forward Transconductance
120
–––
–––
S
IDSS
Drain-to-Source Leakage Current
–––
–––
20
μA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
75
110
Qgs
Gate-to-Source Charge
–––
28
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge
–––
40
–––
td(on)
Turn-On Delay Time
–––
19
–––
tr
Rise Time
–––
180
–––
td(off)
Turn-Off Delay Time
–––
30
–––
ns
tf
Fall Time
–––
49
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
5080
–––
Coss
Output Capacitance
–––
970
–––
Crss
Reverse Transfer Capacitance
–––
570
–––
pF
Coss
Output Capacitance
–––
3310
–––
Coss
Output Capacitance
–––
870
–––
Coss eff.
Effective Output Capacitance
–––
1280
–––
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
–––
–––
200k
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
790
(Body Diode)Ù
VSD
Diode Forward Voltage
–––
–––
1.3
V
trr
Reverse Recovery Time
–––
26
39
ns
Qrr
Reverse Recovery Charge
–––
18
27
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
VDS = 40V, VGS = 0V, TJ = 125°C
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VGS = 16V
VGS = -16V
VDS = 32V
Conditions
VGS = 5.0V e
ID = 75A lÃ
VGS = 0V
VDS = 25V
TJ = 25°C, IS = 75A l, VGS = 0V e
TJ = 25°C, IF = 75A l, VDD = 20V
di/dt = 100A/μs e
Conditions
VGS = 0V, ID = 250μA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 75A elÃ
VDS = VGS, ID = 250μA
VDS = 40V, VGS = 0V
VGS = 4.5V, ID = 40A e
VGS = 5.0V, ID = 40A e
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 32V, ƒ = 1.0MHz
VGS = 0V, VDS = 0V to 32V f
VGS = 5.0V e
VDD = 20V
ID = 75A lÃ
RG = 4.0Ω
VDS = 10V, ID = 75Al
ƒ = 1.0MHz


Numéro de pièce similaire - IRL1404ZPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL1404ZPBF IRF-IRL1404ZPBF Datasheet
793Kb / 13P
   AUTOMOTIVE MOSFET HEXFET짰 Power MOSFET
More results

Description similaire - IRL1404ZPBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com