Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS45A Fiches technique(PDF) 3 Page - NXP Semiconductors

No de pièce BAS45A
Description  Low-leakage diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS45A Fiches technique(HTML) 3 Page - NXP Semiconductors

  BAS45A_15 Datasheet HTML 1Page - NXP Semiconductors BAS45A_15 Datasheet HTML 2Page - NXP Semiconductors BAS45A_15 Datasheet HTML 3Page - NXP Semiconductors BAS45A_15 Datasheet HTML 4Page - NXP Semiconductors BAS45A_15 Datasheet HTML 5Page - NXP Semiconductors BAS45A_15 Datasheet HTML 6Page - NXP Semiconductors BAS45A_15 Datasheet HTML 7Page - NXP Semiconductors BAS45A_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1996 Mar 13
3
NXP Semiconductors
Product data sheet
Low-leakage diode
BAS45A
ELECTRICAL CHARACTERISTICS
Tj = 25 °C unless otherwise specified.
THERMAL CHARACTERISTICS
Note
1.
Device mounted on a printed-circuit board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
TYP.
MAX.
UNIT
VF
forward voltage
see Fig.3
IF = 1 mA
780
mV
IF = 10 mA
860
mV
IF = 100 mA
1000
mV
IR
reverse current
see Fig.5
VR = 125 V; Emax = 100 lx
1
nA
VR = 30 V; Tj = 125 °C; Emax = 100 lx
300
nA
VR = 125 V; Tj = 125 °C; Emax = 100 lx
500
nA
VR = 125 V; Tj = 150 °C; Emax = 100 lx
2
μA
Cd
diode capacitance
f = 1 MHz; VR = 0; see Fig.6
4
pF
trr
reverse recovery time
when switched from IF = 10 mA to
IR = 10 mA; RL = 100 Ω; measured at
IR = 1 mA; see Fig.7
1.5
μs
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-tp
thermal resistance from junction to tie-point
8 mm from the body
300
K/W
Rth j-a
thermal resistance from junction to ambient
lead length 10 mm; note 1
500
K/W


Numéro de pièce similaire - BAS45A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAS45AL PHILIPS-BAS45AL Datasheet
49Kb / 8P
   Low-leakage diode
1999 May 28
BAS45AL NXP-BAS45AL Datasheet
106Kb / 11P
   Low-leakage diode
Rev. 5-6 August 2010
logo
Nexperia B.V. All right...
BAS45AL NEXPERIA-BAS45AL Datasheet
784Kb / 11P
   Low-leakage diode
Rev. 5 - 6 August 2010
logo
NXP Semiconductors
BAS45AL PHILIPS-BAS45AL_15 Datasheet
106Kb / 11P
   Low-leakage diode
Rev. 5-6 August 2010
More results

Description similaire - BAS45A_15

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
   Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
   Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
   Low-leakage diode
1999 May 28
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
   Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
   Low-leakage diode
2004 Jan 26
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
   LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
   Low-leakage diode
3 January 2022
logo
NXP Semiconductors
BAS716 PHILIPS-BAS716 Datasheet
61Kb / 8P
   Low-leakage diode
2003 Nov 07
BAS45AL NXP-BAS45AL Datasheet
106Kb / 11P
   Low-leakage diode
Rev. 5-6 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com