Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS45A Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce BAS45A
Description  Low-leakage diode
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS45A Fiches technique(HTML) 2 Page - NXP Semiconductors

  BAS45A_15 Datasheet HTML 1Page - NXP Semiconductors BAS45A_15 Datasheet HTML 2Page - NXP Semiconductors BAS45A_15 Datasheet HTML 3Page - NXP Semiconductors BAS45A_15 Datasheet HTML 4Page - NXP Semiconductors BAS45A_15 Datasheet HTML 5Page - NXP Semiconductors BAS45A_15 Datasheet HTML 6Page - NXP Semiconductors BAS45A_15 Datasheet HTML 7Page - NXP Semiconductors BAS45A_15 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
1996 Mar 13
2
NXP Semiconductors
Product data sheet
Low-leakage diode
BAS45A
FEATURES
• Continuous reverse voltage:
max. 125 V
• Repetitive peak forward current:
max. 625 mA
• Low reverse current: max. 1 nA
• Switching time: typ. 1.5 μs.
APPLICATION
• Low leakage current applications.
DESCRIPTION
Epitaxial medium-speed switching diode with a low leakage current in a
hermetically-sealed glass SOD68 (DO-34) package.
Fig.1 Simplified outline (SOD68; DO-34) and symbol.
handbook, halfpage
MAM156
k
a
LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
Note
1.
Device mounted on a printed-circuit board without metallization pad.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VRRM
repetitive peak reverse voltage
125
V
VR
continuous reverse voltage
125
V
IF
continuous forward current
see Fig.2; note 1
250
mA
IFRM
repetitive peak forward current
625
mA
IFSM
non-repetitive peak forward current square wave; Tj = 25 °C prior to
surge; see Fig.4
tp = 1 μs
4
A
tp = 1 ms
1
A
tp = 1 s
0.5
A
Ptot
total power dissipation
Tamb = 25 °C
300
mW
Tstg
storage temperature
−65
+175
°C
Tj
junction temperature
175
°C


Numéro de pièce similaire - BAS45A_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAS45AL PHILIPS-BAS45AL Datasheet
49Kb / 8P
   Low-leakage diode
1999 May 28
BAS45AL NXP-BAS45AL Datasheet
106Kb / 11P
   Low-leakage diode
Rev. 5-6 August 2010
logo
Nexperia B.V. All right...
BAS45AL NEXPERIA-BAS45AL Datasheet
784Kb / 11P
   Low-leakage diode
Rev. 5 - 6 August 2010
logo
NXP Semiconductors
BAS45AL PHILIPS-BAS45AL_15 Datasheet
106Kb / 11P
   Low-leakage diode
Rev. 5-6 August 2010
More results

Description similaire - BAS45A_15

FabricantNo de pièceFiches techniqueDescription
logo
Central Semiconductor C...
CPD64 CENTRAL-CPD64 Datasheet
209Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD66X CENTRAL-CPD66X Datasheet
728Kb / 2P
   Low Leakage Diode Low Leakage Diode Chip
CPD71 CENTRAL-CPD71 Datasheet
213Kb / 2P
   Low Leakage Diode Low Leakage Switching Diode Chip
logo
NXP Semiconductors
BAS416 PHILIPS-BAS416 Datasheet
63Kb / 8P
   Low-leakage diode
2004 Jan 26
BA545AL PHILIPS-BA545AL Datasheet
54Kb / 8P
   Low-leakage diode
1999 May 28
BAS416 NXP-BAS416 Datasheet
121Kb / 8P
   Low-leakage diode
2004 Jan 26
BAS416 NXP-BAS416_13 Datasheet
121Kb / 8P
   Low-leakage diode
2004 Jan 26
logo
Rectron Semiconductor
MMBD1501A RECTRON-MMBD1501A Datasheet
213Kb / 5P
   LOW LEAKAGE DIODE
logo
Nexperia B.V. All right...
BAS116LS-Q NEXPERIA-BAS116LS-Q Datasheet
219Kb / 10P
   Low-leakage diode
3 January 2022
logo
NXP Semiconductors
BAS716 PHILIPS-BAS716 Datasheet
61Kb / 8P
   Low-leakage diode
2003 Nov 07
BAS45AL NXP-BAS45AL Datasheet
106Kb / 11P
   Low-leakage diode
Rev. 5-6 August 2010
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com