Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS21W Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce BAS21W
Description  High-voltage switching diodes
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS21W Fiches technique(HTML) 5 Page - NXP Semiconductors

  BAS21W_15 Datasheet HTML 1Page - NXP Semiconductors BAS21W_15 Datasheet HTML 2Page - NXP Semiconductors BAS21W_15 Datasheet HTML 3Page - NXP Semiconductors BAS21W_15 Datasheet HTML 4Page - NXP Semiconductors BAS21W_15 Datasheet HTML 5Page - NXP Semiconductors BAS21W_15 Datasheet HTML 6Page - NXP Semiconductors BAS21W_15 Datasheet HTML 7Page - NXP Semiconductors BAS21W_15 Datasheet HTML 8Page - NXP Semiconductors BAS21W_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
BAS21W_SER_1
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 01 — 9 October 2009
5 of 11
NXP Semiconductors
BAS21W series
High-voltage switching diodes
(1) Tamb = 150 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
Based on square wave currents.
Tj =25 °C; prior to surge
Fig 1.
Forward current as a function of forward
voltage; typical values
Fig 2.
Non-repetitive peak forward current as a
function of pulse duration; maximum values
(1) Tamb = 150 °C
(2) Tamb =85 °C
(3) Tamb =25 °C
(4) Tamb = −40 °C
Fig 3.
Reverse current as a function of reverse voltage; typical values
VF (V)
0
1.6
1.2
0.4
0.8
006aab212
200
400
600
IF
(mA)
0
(1)
(3)
(4)
(2)
mbg703
10
1
102
IFSM
(A)
10−1
tp (µs)
1104
103
10
102
006aab213
102
IR
(
µA)
VR (V)
0
250
200
100
150
50
10
1
10−1
10−2
10−3
10−4
10−5
(4)
(1)
(2)
(3)


Numéro de pièce similaire - BAS21W_15

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
BAS21W-13-F DIODES-BAS21W-13-F Datasheet
207Kb / 4P
   SURFACE MOUNT FAST SWITCHING DIODE
More results

Description similaire - BAS21W_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
BAS101 PHILIPS-BAS101 Datasheet
66Kb / 11P
   High-voltage switching diodes
Rev. 01-8 September 2006
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19 Datasheet
130Kb / 1P
   HIGH VOLTAGE SWITCHING DIODES
logo
NXP Semiconductors
BAS21AVD NXP-BAS21AVD Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
Diode Semiconductor Kor...
BAS21H DSK-BAS21H Datasheet
244Kb / 3P
   High Voltage Switching Diodes
logo
NXP Semiconductors
BAS21VD PHILIPS-BAS21VD_15 Datasheet
228Kb / 11P
   High-voltage switching diodes
1 August 2013
logo
EIC discrete Semiconduc...
BAS19 EIC-BAS19 Datasheet
109Kb / 2P
   HIGH VOLTAGE SWITCHING DIODES
logo
Shenzhen Luguang Electr...
BAS20H LUGUANG-BAS20H Datasheet
226Kb / 2P
   High Voltage Switching Diodes
BAS21H LUGUANG-BAS21H Datasheet
217Kb / 2P
   High Voltage Switching Diodes
logo
Galaxy Semi-Conductor H...
BAS21H BILIN-BAS21H Datasheet
184Kb / 3P
   High Voltage Switching Diodes
logo
Nanjing International G...
BAV19 DGNJDZ-BAV19 Datasheet
85Kb / 3P
   High Voltage Switching Diodes
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com