Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2PD2150_15 Fiches technique(PDF) 7 Page - NXP Semiconductors

No de pièce 2PD2150_15
Description  20 V, 3 A NPN low VCEsat (BISS) transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD2150_15 Fiches technique(HTML) 7 Page - NXP Semiconductors

Back Button 2PD2150_15_15 Datasheet HTML 3Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 4Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 5Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 6Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 7Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 8Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 9Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 10Page - NXP Semiconductors 2PD2150_15_15 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
2PD2150_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 2 January 2007
7 of 13
NXP Semiconductors
2PD2150
20 V, 3 A NPN low VCEsat (BISS) transistor
IC/IB =10
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
IC/IB =20
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
Fig 8.
Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 9.
Collector-emitter saturation voltage as a
function of collector current; typical values
IC/IB =50
(1) Tamb = 100 °C
(2) Tamb =25 °C
(3) Tamb = −40 °C
Tamb =25 °C; VCE =2V
Fig 10. Collector-emitter saturation voltage as a
function of collector current; typical values
Fig 11. Transition frequency as a function of emitter
current; typical values
006aaa960
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
1104
103
10
102
(1)
(2)
(3)
006aaa961
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
1104
103
10
102
(1)
(2)
(3)
006aaa962
10−1
10−2
1
VCEsat
(V)
10−3
IC (mA)
1104
103
10
102
(1)
(2)
(3)
006aaa963
IE (mA)
−1
−103
−102
−10
102
10
103
fT
(MHz)
1


Numéro de pièce similaire - 2PD2150_15_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2PD2150 PHILIPS-2PD2150 Datasheet
70Kb / 11P
   20 V, 3 A NPN low VCEsat transistor
Rev. 01-22 April 2005
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
More results

Description similaire - 2PD2150_15_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
2PD2150 NXP-2PD2150 Datasheet
131Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02-2 January 2007
logo
Nexperia B.V. All right...
PBSS4320X NEXPERIA-PBSS4320X Datasheet
269Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
27 May 2019
logo
NXP Semiconductors
PBSS4320X PHILIPS-PBSS4320X Datasheet
115Kb / 12P
   20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
logo
Nexperia B.V. All right...
2PD2150 NEXPERIA-2PD2150 Datasheet
750Kb / 13P
   20 V, 3 A NPN low VCEsat (BISS) transistor
Rev. 02 - 2 January 2007
logo
NXP Semiconductors
PBSS4320X NXP-PBSS4320X Datasheet
202Kb / 12P
   20 V, 3 A NPN low VCEsat (BISS) transistor
2004 Nov 03
PBSS4320X PHILIPS-PBSS4320X_15 Datasheet
214Kb / 12P
   NPN low VCEsat (BISS) transistor 20 V, 3 A
2004 Nov 03
PBSS4120T PHILIPS-PBSS4120T Datasheet
47Kb / 7P
   20 V, 1 A NPN low VCEsat (BISS) transistor
2003 Sep 29
PBSS4420D PHILIPS-PBSS4420D_15 Datasheet
131Kb / 14P
   20 V, 4 A NPN low VCEsat (BISS) transistor
Rev. 02-24 September 2008
PBSS302NZ PHILIPS-PBSS302NZ Datasheet
102Kb / 14P
   20 V, 5.8 A NPN low VCEsat (BISS) transistor
Rev. 01-8 September 2006
PBSS4220V PHILIPS-PBSS4220V Datasheet
119Kb / 13P
   20 V, 2 A NPN low VCEsat (BISS) transistor
Rev. 01-6 February 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com