Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDF8546_SDS Fiches technique(PDF) 5 Page - NXP Semiconductors

No de pièce TDF8546_SDS
Description  I2C-bus controlled 4 ??45 W best efficiency amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDF8546_SDS Fiches technique(HTML) 5 Page - NXP Semiconductors

  TDF8546_SDS_15 Datasheet HTML 1Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 2Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 3Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 4Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 5Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 6Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 7Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 8Page - NXP Semiconductors TDF8546_SDS_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
TDF8546_SDS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product short data sheet
Rev. 8 — 27 September 2013
5 of 21
NXP Semiconductors
TDF8546
I2C-bus controlled 4
 45 W best efficiency amplifier
Fig 2.
Pin configuration TDF8546TH
TDF8546TH
n.c.
OUT3-
PGND3
OUT3+
n.c.
VP1
ACGND
TAB
n.c.
n.c.
OUT4-
IN3
PGND4
IN4
OUT4+
SGND
SCL
IN2
SDA
IN1
DIAG
SVR
ADSEL
PGND1
STB
n.c.
001aam684
36
35
34
33
32
31
30
29
28
27
26
25
11
12
9
10
7
8
OUT2+
PGND2
n.c.
OUT2-
n.c.
VP2
24
23
22
21
15
16
13
14
n.c.
OUT1+
n.c.
OUT1-
20
19
17
18
5
6
3
4
1
2


Numéro de pièce similaire - TDF8546_SDS_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDF8553J NXP-TDF8553J Datasheet
390Kb / 47P
   I2C-bus controlled 4 X 50 Watt power amplifier and multiple voltage regulator
Rev. 01-3 December 2008
TDF8590TH NXP-TDF8590TH Datasheet
215Kb / 30P
   2 X 80 W SE (4 OHM) or 1 X 160 W BTL (8 OHM) class-D amplifier
Rev. 02-23 April 2007
TDF8591TH NXP-TDF8591TH Datasheet
234Kb / 34P
   2 X 100 W SE (4 OHM) or 1 X 310 W BTL (4 OHM) class-D amplifier
Rev. 01-5 March 2008
TDF8599 NXP-TDF8599 Datasheet
316Kb / 52P
   I2C-bus controlled dual channel 43 W/2 W single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-13 November 2008
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
More results

Description similaire - TDF8546_SDS_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8595 PHILIPS-TDA8595_15 Datasheet
484Kb / 51P
   I2C-bus controlled 4 ??45 W power amplifier
Rev. 5-11 June 2013
TDA8595 NXP-TDA8595 Datasheet
294Kb / 50P
   I2C-bus controlled 4 쨈 45 W power amplifier
Rev. 02-21 November 2007
TDA8596 PHILIPS-TDA8596_15 Datasheet
275Kb / 48P
   I2C-bus controlled 4 쨈 45 W power amplifier with symmetrical inputs
Rev. 02-8 November 2007
TDA8594 PHILIPS-TDA8594_15 Datasheet
469Kb / 49P
   I2C-bus controlled 4 ??50 W power amplifier
Rev. 5-11 June 2013
TDA8594 NXP-TDA8594 Datasheet
290Kb / 48P
   I2C-bus controlled 4 X 50 W power amplifier
Rev. 02-11 December 2007
TDA8589J PHILIPS-TDA8589J Datasheet
545Kb / 55P
   I2C-bus controlled 4 45 Watt power amplifier and multiple voltage regulator
2004 Feb 24
logo
STMicroelectronics
TDA75610SLV STMICROELECTRONICS-TDA75610SLV Datasheet
928Kb / 42P
   4 x 45 W power amplifier with full I2C diagnostics, high efficiency and low voltage operation
December 2014 Rev 6
TDA75610DLVPD STMICROELECTRONICS-TDA75610DLVPD Datasheet
1Mb / 37P
   4 x 45 W differential power amplifier with full I2C diagnostics, high efficiency and low voltage operation
September 2014 Rev 8
logo
NXP Semiconductors
TDF8599B NXP-TDF8599B Datasheet
339Kb / 54P
   I2C-bus controlled dual channel 43 W/4 W, single channel 85 W/1 W class-D power amplifier with load diagnostics
Rev. 01-29 July 2009
TDF8599A NXP-TDF8599A Datasheet
346Kb / 54P
   I2C-bus controlled dual channel 135 W/4 W, single channel 250 W/2 W class-D power amplifier with load diagnostics
Rev. 02-30 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com