Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8932B Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce TDA8932B
Description  Class-D audio amplifier
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8932B Fiches technique(HTML) 1 Page - NXP Semiconductors

  TDA8932B_15 Datasheet HTML 1Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 2Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 3Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 4Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 5Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 6Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 7Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 8Page - NXP Semiconductors TDA8932B_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
1.
General description
The TDA8932B is a high efficiency class-D amplifier with low power dissipation.
The continuous time output power is 2
× 15 W in stereo half-bridge application (R
L =4 Ω)
or 1
× 30 W in mono full-bridge application (R
L =8 Ω). Due to the low power dissipation
the device can be used without any external heat sink when playing music. Due to the
implementation of thermal foldback, even for high supply voltages and/or lower load
impedances, the device continues to operate with considerable music output power
without the need for an external heat sink.
The device has two full-differential inputs driving two independent outputs. It can be used
in a mono full-bridge configuration (BTL) or in a stereo half-bridge configuration (SE).
2.
Features
I Operating voltage from 10 V to 36 V asymmetrical or ±5 V to ±18 V symmetrical
I Mono-bridged tied load (full-bridge) or stereo single-ended (half-bridge) application
I Application without heat sink using thermally enhanced small outline package
I High efficiency and low-power dissipation
I Thermally protected and thermal foldback
I Current limiting to avoid audio holes
I Full short-circuit proof across load and to supply lines (using advanced current
protection)
I Switchable internal or external oscillator (master-slave setting)
I No pop noise
I Full-differential inputs
3.
Applications
I Flat panel television sets
I Flat panel monitor sets
I Multimedia systems
I Wireless speakers
I Mini and micro systems
I Home sound sets
TDA8932B
Class-D audio amplifier
Rev. 04 — 18 December 2008
Product data sheet


Numéro de pièce similaire - TDA8932B_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8932BT NXP-TDA8932BT Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
TDA8932BTW NXP-TDA8932BTW Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
More results

Description similaire - TDA8932B_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8933B NXP-TDA8933B Datasheet
244Kb / 42P
   Class D audio amplifier
Rev. 01-23 October 2008
TDA8933 NXP-TDA8933 Datasheet
265Kb / 47P
   Class-D audio amplifier
Rev. 01-15 May 2007
TDA8932B NXP-TDA8932B Datasheet
319Kb / 48P
   Class-D audio amplifier
Rev. 04-18 December 2008
logo
International Rectifier
IRAUDPS3 IRF-IRAUDPS3_15 Datasheet
1Mb / 20P
   Class-D Audio Amplifier
logo
NXP Semiconductors
TDA8932 NXP-TDA8932 Datasheet
246Kb / 45P
   Class-D audio amplifier
Rev.02-12 December 2006
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com