Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA8566 Fiches technique(PDF) 1 Page - NXP Semiconductors

No de pièce TDA8566
Description  2X40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA8566 Fiches technique(HTML) 1 Page - NXP Semiconductors

  TDA8566_15 Datasheet HTML 1Page - NXP Semiconductors TDA8566_15 Datasheet HTML 2Page - NXP Semiconductors TDA8566_15 Datasheet HTML 3Page - NXP Semiconductors TDA8566_15 Datasheet HTML 4Page - NXP Semiconductors TDA8566_15 Datasheet HTML 5Page - NXP Semiconductors TDA8566_15 Datasheet HTML 6Page - NXP Semiconductors TDA8566_15 Datasheet HTML 7Page - NXP Semiconductors TDA8566_15 Datasheet HTML 8Page - NXP Semiconductors TDA8566_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1.
General description
The TDA8566 is an integrated class-B output amplifier which is available in several
packages. TDA8566TH is contained in a 20-lead small outline plastic package. The
TDA8566TH1 is a 24-lead small outline plastic package which is pin compatible with the
I2C-bus controlled amplifier TDA1566TH for one board layout. TDA8566Q is a 17-pin
DIL-bent-SIL package.
The device contains 2 amplifiers in a Bridge-Tied Load (BTL) configuration. The output
power is 2
× 25 W in a 4 Ω load or 2 × 40 W in a 2 Ω load. It has a differential input stage
and 2 diagnostic outputs. The device is primarily developed for car radio applications.
2.
Features
I Differential inputs
I Very high Common Mode Rejection Ratio (CMRR)
I High common mode input signal handling
I Requires very few external components
I High output power
I 4 Ω and 2 Ω load driving capability
I Low offset voltage at output
I Fixed gain
I Diagnostic facility (distortion, short-circuit and temperature pre-warning)
I Good ripple rejection
I Mode select switch (operating, mute and standby)
I Load dump protection
I Short-circuit proof to ground, to VP and across the load
I Low power dissipation in any short-circuit condition
I Thermally protected
I Reverse polarity safe
I Protected against electrostatic discharge
I No switch-on/switch-off plops
I Low thermal resistance
I TDA8566TH1 is pin compatible with TDA1566TH
TDA8566
2
× 40 W/2 Ω stereo BTL car radio power amplifier with
differential inputs and diagnostic outputs
Rev. 06 — 15 October 2007
Product data sheet


Numéro de pièce similaire - TDA8566_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566Q NXP-TDA8566Q Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8566TH NXP-TDA8566TH Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566TH1 NXP-TDA8566TH1 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
More results

Description similaire - TDA8566_15

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
TDA8566 NXP-TDA8566 Datasheet
136Kb / 21P
   2 쨈 40 W/2 W stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
Rev. 06-15 October 2007
TDA8566Q PHILIPS-TDA8566Q Datasheet
110Kb / 12P
   2 x 25 W BTL stereo car radio power amplifier with differential inputs and diagnostic outputs
1998 Sep 23
TDA8566TH PHILIPS-TDA8566TH Datasheet
94Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with differential inputs and diagnostic outputs
2001 Apr 24
TDA8563AQ PHILIPS-TDA8563AQ Datasheet
152Kb / 20P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1997 Feb 20
TDA8563Q PHILIPS-TDA8563Q Datasheet
107Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA8560Q PHILIPS-TDA8560Q Datasheet
105Kb / 16P
   2 x 40 W/2 ohm stereo BTL car radio power amplifier with diagnostic facility
1996 Jan 08
TDA1552Q PHILIPS-TDA1552Q Datasheet
83Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1552Q-N4112 PHILIPS-TDA1552Q-N4112 Datasheet
66Kb / 10P
   2 x 22 W BTL stereo car radio power amplifier
July 1994
TDA1551Q PHILIPS-TDA1551Q Datasheet
112Kb / 17P
   2 x 22 W BTL car radio power amplifier with diagnostic facility
July 1994
TDA1519B PHILIPS-TDA1519B Datasheet
118Kb / 12P
   12 W BTL or 2 x 6 W stereo car radio power amplifier
May 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com