Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SS10PU80 Fiches technique(PDF) 1 Page - Bruckewell Technology LTD

No de pièce SS10PU80
Description  High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BWTECH [Bruckewell Technology LTD]
Site Internet  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD

SS10PU80 Fiches technique(HTML) 1 Page - Bruckewell Technology LTD

  SS10PU80 Datasheet HTML 1Page - Bruckewell Technology LTD SS10PU80 Datasheet HTML 2Page - Bruckewell Technology LTD SS10PU80 Datasheet HTML 3Page - Bruckewell Technology LTD SS10PU80 Datasheet HTML 4Page - Bruckewell Technology LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SS10PU80
Publication Order Number: SS10PU80
Product profile
High Current Density Surface Mount Ultra Low VF
Schottky Rectifier
General description
Rectifiers 10 Amp 80V
Features
Very low profile - typical height of 1.1 mm
Ideal for automated placement
Low forward voltage drop, low power losses
High efficiency
Low thermal resistance
Meets MSL level 1, per J-STD-020
Solder dip 260 °C max. 10 s, per JESD 22
Compliant to RoHS directive 2002/95/EC and in
accordance to WEEE 2002/96/EC
Mechanical data
Case: Conform to JEDEC TO-277A; Suffix /A
Industry TO-277B; Suffix /B
Molding compound meets UL 94 V-0 flammability
Maximum Ratings (Tc=25°C unless otherwise noted)
Parameter
Maximum repetitive peak reverse voltage
RMS Voltage (Max.)
Working peak reverse voltage
Maximum average forward rectified current
Peak forward surge current
8.3ms single half sine
on rated load (JEDEC Method)
Operating junction temperature range
Storage temperature range
©Bruckewell Technology
Ultra Low VF
typical height of 1.1 mm
Low forward voltage drop, low power losses
Solder dip 260 °C max. 10 s, per JESD 22-A111
directive 2002/95/EC and in
277A; Suffix /A
277B; Suffix /B
0 flammability
(Tc=25°C unless otherwise noted)
Symbol
SS10PU80
repetitive peak reverse voltage
VRRM
VRMS
VRWM
Maximum average forward rectified current
Total Device
IF(AV)
IFSM
8.3ms single half sine-wave superimposed
on rated load (JEDEC Method)
TJ
-55 to +1
TSTG
-55 to +1
Bruckewell Technology Corporation Rev. A -2014
SS10PU80
Unit
80
V
56
V
80
V
10
A
160
A
55 to +150
°C
55 to +150
°C


Numéro de pièce similaire - SS10PU80

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100S BWTECH-SS10PU100S Datasheet
765Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU120S BWTECH-SS10PU120S Datasheet
289Kb / 3P
   High Surge Protection High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU200 BWTECH-SS10PU200 Datasheet
618Kb / 2P
   High Current Density Surface Mount
SS10PU200S BWTECH-SS10PU200S Datasheet
464Kb / 4P
   Very low profile - typical height of 1.1 mm
More results

Description similaire - SS10PU80

FabricantNo de pièceFiches techniqueDescription
logo
Bruckewell Technology L...
SS6PU100 BWTECH-SS6PU100 Datasheet
446Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8PU100 BWTECH-SS8PU100 Datasheet
300Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS8P100 BWTECH-SS8P100 Datasheet
232Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100S BWTECH-SS10PU100S Datasheet
765Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS10PU100 BWTECH-SS10PU100 Datasheet
763Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SD10PU100 BWTECH-SD10PU100 Datasheet
166Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS5P100 BWTECH-SS5P100 Datasheet
214Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS20PU80 BWTECH-SS20PU80 Datasheet
161Kb / 4P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
SS12PU120S BWTECH-SS12PU120S Datasheet
272Kb / 3P
   High Current Density Surface Mount Ultra Low VF Schottky Rectifier
Rev. A -2014
SS10PU120S BWTECH-SS10PU120S Datasheet
289Kb / 3P
   High Surge Protection High Current Density Surface Mount Ultra Low VF Schottky Rectifier
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com