Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M34250M2 Datasheet(Fiches technique) 28 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M34250M2
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER    
Télécharger  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M34250M2 Datasheet(HTML) 28 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 28 / 58 page
background image
MITSUBISHI
ELECTRIC
28
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
: Microcomputer starts its operation after 3584 to 3585 machine cycles for the time
required to stabilize the f(XIN) oscillation.
Stabilizing time a
POF instruction
is executed
A
f(XIN) oscillation
Return input
B
(RAM back-up
mode)
f(XIN) stop
Reset
(Stabilizing time a )
(Stabilizing time a )
K03
K02
K01
K00
Instruction clock divided by 4
Instruction clock divided by 512
Rising waveform (“L”
→ “H”)
Falling waveform (“H”
→ “L”)
Key-on wakeup not used
Key-on wakeup used (“L” level recognized)
Key-on wakeup not used
Key-on wakeup used (“L” level recognized)
Prescaler dividing ratio selection bit
Interrupt valid waveform for INT pin/
key-on wakeup valid waveform selection
bit (Note 2)
Ports G1–G3 key-on wakeup control bit
Ports S0–S3 key-on wakeup control bit
Key-on wakeup control register K0
at reset : 00002
at RAM back-up : state retained
0
1
0
1
0
1
0
1
R/W
Notes 1: “R” represents read enabled, and “W” represents write enabled.
2: Set a value to the bit 2 of register K0, and execute the SNZ0 instruction to clear the EXF0 flag after executing at least one
instruction. According to the input state of G0/INT pin, the external interrupt request flag (EXF0) may be set when the
interrupt valid waveform is changed.
Table 14 Key-on wakeup control register
Fig. 24 State transition
S
R
Q
Power down flag P
POF instruction
Reset input
q Set source
POF instruction is executed
q Clear source
Reset input
Fig. 25 Set source and clear source of the P flag
Fig. 26 Start condition identified example using the SNZP
instruction
Software start
P = “1”
?
Yes
Warm start
Cold start
No
(5) Key-on wakeup control register K0
Key-on wakeup control register K0
The interrupt valid waveform for INT pin/key-on wakeup
valid waveform selection bit, the ports G1–G3 key-on
wakeup control bit and the ports S0–S3 key-on wakeup
control bit are assigned to the register K0. Set the contents
of this register through register A with the TK0A instruction.
The TAK0 instruction can be used to transfer the contents
of register K0 to register A.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KS57C0301The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core. 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
LC6543NCMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS   1 2 3 4 5 MoreSanyo Semicon Device
UPD75P664-Bit Single-Chip One-Time Programmable OTP CMOS Microcomputer With Comparator 1 2 3 4 5 MoreNEC
MB88210CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER 1 2 3 4 5 MoreFujitsu Component Limited.
MN14821CMOS 4-Bit Single-Chip Microcomputers for Voltage Synthesizer TV Tuning Systems with CRT Controller 1 2 3 4 5 MorePanasonic Semiconductor
M34280M1SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
M34570M4SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn