Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M34250M2 Fiches technique(PDF) 8 Page - Mitsubishi Electric Semiconductor

No de pièce M34250M2
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER??????
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M34250M2 Fiches technique(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M34250M2 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M34250M2 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M34250M2 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M34250M2 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M34250M2 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M34250M2 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M34250M2 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M34250M2 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M34250M2 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
MITSUBISHI
ELECTRIC
8
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Functions
XOR operation
OR operation
AND operation
Not available
Logic operation function selection bits
Logic operation selection register LO
at reset : 002
at RAM back-up : 002
LO1
0
0
1
1
W
LO0
0
1
0
1
LO1
LO0
Note: “W” represents write enabled.
Logic operation selection register
(5) Port F (F0, F1)
2-bit I/O port.
For input use, set the latch of the specified bit to “1.” The output
structure is the N-channel open-drain.
(6) Port S (S0–S3)
4-bit I/O port.
Port S has the logic operation (LGOP) function. For input (logic
operation included) use, set the latch of the specified bit to
“1.” The output structure is the N-channel open-drain. When
performing the logic operation, select the logic operation
function with the logic operation selection register LO. Set the
contents of register LO through register A with the TLOA
instruction.
When the LGOP instruction is executed, the logic operation
selected with the register LO is performed between the
contents of register A and the contents of port S, and its result
is stored in register A.


Numéro de pièce similaire - M34250M2

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
M34250M2-XXXFP RENESAS-M34250M2-XXXFP Datasheet
704Kb / 59P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results

Description similaire - M34250M2

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
34280M1 ETC-34280M1 Datasheet
9Kb / 2P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M34282 RENESAS-M34282 Datasheet
609Kb / 69P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4502 RENESAS-4502 Datasheet
880Kb / 116P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4513 RENESAS-4513 Datasheet
1Mb / 97P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4518 RENESAS-4518 Datasheet
1Mb / 160P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4552 RENESAS-4552 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4553 RENESAS-4553 Datasheet
1Mb / 145P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
455A RENESAS-455A Datasheet
3Mb / 148P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4508 RENESAS-4508 Datasheet
1Mb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4509 RENESAS-4509 Datasheet
907Kb / 142P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
4554 RENESAS-4554 Datasheet
1Mb / 138P
   SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com