Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M34250M2 Datasheet(Fiches technique) 56 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M34250M2
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER    
Télécharger  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M34250M2 Datasheet(HTML) 56 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 56 / 58 page
background image
MITSUBISHI
ELECTRIC
56
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
Fig. 33 Flow of writing and test of the product shipped in
blank
Writing with PROM programmer
Screening (Leave at 150 °C for 40 hours) (Note)
Verify test with PROM programmer
Function test in target device
Since the screening temperature is higher
than storage temperature, never expose the
microcomputer to 150°C exceeding 100
hours.
Note:
(1) PROM mode
The 4250 Group has a function to serially input/output the
command codes, addresses, and data required for operation
(e.g. read and program) on the built-in PROM using only a
few pins. This mode can be selected by setting pins SDA (serial
data input/output), SCLK (serial clock input), and PGM to “H”
after connecting wires as shown in Figure 32 and powering
on the VDD pin, and then applying 12 V to the VPP pin.
In the PROM mode, three types of software commands (read,
program, and program verify) can be used.
Clock-synchronous serial I/O is used, beginning from the LSB
(LSB first). Use the special-purpose serial programmer when
performing serial read/program.
Refer to the Mitsubishi Data Book “DEVELOPMENT
SUPPORT TOOLS FOR MICROCOMPUTERS” about the
serial programmer (serial programmer and control software,
etc.) for the Mitsubishi single-chip microcomputers.
(2) Notes on handling
ΠA high-voltage is used for writing. Take care that overvoltage
is not applied. Take care especially at turning on the power.
 For the One Time PROM version shipped in blank,
Mitsubishi Electric corp. does not perform PROM writing
test and screening in the assembly process and following
processes. In order to improve reliability after writing,
performing writing and test according to the flow shown in
Figure 33 before using is recommended (Products shipped
in blank: PROM contents is not written in factory when
shipped)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KS57C0301The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core. 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
LC6543NCMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS   1 2 3 4 5 MoreSanyo Semicon Device
UPD75P664-Bit Single-Chip One-Time Programmable OTP CMOS Microcomputer With Comparator 1 2 3 4 5 MoreNEC
MB88210CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER 1 2 3 4 5 MoreFujitsu Component Limited.
MN14821CMOS 4-Bit Single-Chip Microcomputers for Voltage Synthesizer TV Tuning Systems with CRT Controller 1 2 3 4 5 MorePanasonic Semiconductor
M34280M1SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
M34570M4SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn