Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M34250M2 Datasheet(Fiches technique) 4 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M34250M2
Description  SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER    
Télécharger  58 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M34250M2 Datasheet(HTML) 4 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
MITSUBISHI
ELECTRIC
4
MITSUBISHI MICROCOMPUTERS
4250 Group
SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER
PIN DESCRIPTION
Name
Power supply
Ground
CNVSS
Reset input
System clock input
System clock output
I/O port F
I/O port G
I/O port S
I/O port D
I/O port C
I/O port K
Timer output
Interrupt input
Input/Output
Input
Input
Output
I/O
I/O
I/O
I/O
I/O
I/O
Output
Input
Function
Connected to a plus power supply.
Connected to a 0 V power supply.
Connect CNVSS to VSS and apply “L” (0V) to CNVSS certainly.
Reset pulse input pin
I/O pins of the system clock generating circuit. Connect pins XIN and XOUT directly.
Then, pull up XIN pin through a resistor and pull down XOUT pin through a capacitor.
2-bit I/O port; for input use, set the latch of the specified bit to “1.” The output
structure is N-channel open-drain.
4-bit I/O port. For input use, set the latch of the specified bit to “1.” The output
structure is N-channel open-drain. Every pin of the ports has a key-on wakeup
function and a pull-up function. Both functions can be switched by software.
Ports G0 and G1 are also used as pins INT and TOUT, respectively.
4-bit I/O port. For input use, set the latch of the specified bit to “1.” The output
structure is N-channel open-drain. Every pin of the ports has a key-on wakeup
function which can be switched by software. Also, it is used to perform the logic
operation using register A.
Each pin of port D has an independent 1-bit wide I/O function. For input use, set
the latch of the specified bit to “1.” The output structure is N-channel open-drain.
Ports D2 and D3 are also used as ports C and K, respectively.
1-bit I/O port. For input use, set the latch of the specified bit to “1.” The output
structure is N-channel open-drain. Port C has a pull-up function which can be
switched by software. It is also used as port D2.
1-bit I/O port. For input use, set the latch of the specified bit to “1.” The output
structure is N-channel open-drain. Port K has a pull-up function which can be
switched by software. It is also used as port D3.
TOUT pin has the function to output the timer 1 underflow signal divided by 2. It is
also used as port G1.
INT pin accepts an external interrupt. It also accepts the input signal to return the
system from the RAM back-up state. It is also used as port G0.
Pin
VDD
VSS
CNVSS
RESET
XIN
XOUT
F0, F1
G0–G3
S0–S3
D0–D3
C
K
TOUT
INT


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
KS57C0301The KS57C0301/0302 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core. 1 2 3 4 5 MoreSamsung semiconductor
S3C7295The S3C7295 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung Arrangeable M 1 2 3 4 5 MoreSamsung semiconductor
LC6543NCMOS LSI SINGLE-CHIP 4-BIT MICROCOMPUTER FOR SMALL-SCALE CONTROL-ORIENTED APPLICATIONS   1 2 3 4 5 MoreSanyo Semicon Device
UPD75P664-Bit Single-Chip One-Time Programmable OTP CMOS Microcomputer With Comparator 1 2 3 4 5 MoreNEC
MB88210CMOS SINGLE-CHIP 4-BIT MICROCOMPUTER WITH A/D CONVERTER 1 2 3 4 5 MoreFujitsu Component Limited.
MN14821CMOS 4-Bit Single-Chip Microcomputers for Voltage Synthesizer TV Tuning Systems with CRT Controller 1 2 3 4 5 MorePanasonic Semiconductor
M34280M1SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER for INFRARED REMOTE CONTROL TRANSMITTERS 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
KS57C0404The KS57C0404/C0408 single-chip CMOS microcontroller has been designed for very high-performance using Samsungs newest 4-bit CPU core SAM47 Samsung 1 2 3 4 5 MoreSamsung semiconductor
S3C72B5The S3C72B5/C72B7/C72B9 single-chip CMOS microcontroller has been designed for high performance using Samsungs newest 4-bit CPU core SAM47 Samsung A 1 2 3 4 5 MoreSamsung semiconductor
M34570M4SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn