Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC6981F Fiches technique(PDF) 5 Page - KEC(Korea Electronics)

No de pièce KIC6981F
Description  1.5A 1-Channel Current Limited Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6981F Fiches technique(HTML) 5 Page - KEC(Korea Electronics)

  KIC6981F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 5Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 6Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 7Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2013. 1. 17
5/8
KIC6981F/MF
Revision No : 1
[Over Load]
[Short Circuit]
200ms/div
200ms/div
※ FLG Response Condition
CONDITION
FLG
Remark
Over - Load
VIN - VOUT ≻1.0V
Active L
Short Circuit
VOUT = 0
Active L


Numéro de pièce similaire - KIC6981F_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC6981F-MF KEC-KIC6981F-MF Datasheet
499Kb / 8P
   SEMICONDUCTOR
More results

Description similaire - KIC6981F_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Advanced Analogic Techn...
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
logo
Diodes Incorporated
AP2181D_1009 DIODES-AP2181D_1009 Datasheet
408Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
AP2181_0906 DIODES-AP2181_0906 Datasheet
386Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2182_1007 DIODES-AP2182_1007 Datasheet
488Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com