Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC6981F Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KIC6981F
Description  1.5A 1-Channel Current Limited Power Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6981F Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KIC6981F_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 3Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 4Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 5Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 6Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 7Page - KEC(Korea Electronics) KIC6981F_15 Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2013. 1. 17
2/8
KIC6981F/MF
Revision No : 1
Functional Block Diagram
Pin Descriptions
Pin Name
Pin Number
Descriptions
GND
1
Ground
IN
2, 3
Voltage input pin
EN
4
Enable input, active high
FLG
5
Over-current and over-temperature fault report
OUT
6, 7
Voltage output pin
NC
8
No internal connection ; recommend tie to OUT pins
VIN
VOUT
FLG
EN
GND
UVLO
Reverse Blocking
Driver
Thermal
Protection
Short Circuit
Protection
Current Sense
Current Limit
Discharge
Control
Deglitch
Typical Application Circuit
GND
OUT
IN
FLG
EN
10k
ON
OFF
Power Supply
2.7V to 5.5V
10㎌
+
+
0.1㎌
0.1㎌
Load
120㎌


Numéro de pièce similaire - KIC6981F_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC6981F-MF KEC-KIC6981F-MF Datasheet
499Kb / 8P
   SEMICONDUCTOR
More results

Description similaire - KIC6981F_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC6981F KEC-KIC6981F Datasheet
499Kb / 8P
   1.5A 1-Channel Current Limited Power Switch
logo
Diodes Incorporated
AP2192MPG-13 DIODES-AP2192MPG-13 Datasheet
581Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186 DIODES-AP2186 Datasheet
524Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER SWITCH
AP2186/AP2196 Rev 1
AP2181A DIODES-AP2181A Datasheet
884Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
May 2018 Rev. 2 - 2
AP2181MPG-13 DIODES-AP2181MPG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
AP2191SG-13 DIODES-AP2191SG-13 Datasheet
438Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH
logo
Advanced Analogic Techn...
AAT4601 ANALOGICTECH-AAT4601 Datasheet
293Kb / 14P
   1.5A Current Limited P-Channel Switch
logo
Diodes Incorporated
AP2181D_1009 DIODES-AP2181D_1009 Datasheet
408Kb / 17P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
DS32251 Rev. 2 - 2
AP2181_0906 DIODES-AP2181_0906 Datasheet
386Kb / 18P
   1.5A SINGLE CHANNEL CURRENT-LIMITED POWER
AP2191 Rev. 6
AP2182_1007 DIODES-AP2182_1007 Datasheet
488Kb / 17P
   1.5A DUAL CHANNEL CURRENT-LIMITED POWER
AP2192 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com