Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC6971F Fiches technique(PDF) 3 Page - KEC(Korea Electronics)

No de pièce KIC6971F
Description  Analog CMOS Integrated Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC6971F Fiches technique(HTML) 3 Page - KEC(Korea Electronics)

  KIC6971F Datasheet HTML 1Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 2Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 3Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 4Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 5Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 6Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 7Page - KEC(Korea Electronics) KIC6971F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2013. 2. 05
3/8
KIC6971F/MF
Revision No : 2
ELECTRICAL CHARACTERISTICS (V
IN=5V, Ta=25℃, Unless otherwise stated)
CHARACTERISTIC
Symbol
Test Conditions
Min
Typ
Max
Units
Input UVLO
VUVLO
2.0
2.2
2.4
V
Hysteresis
50
100
150
mV
Input Shutdown Current
ISHDN
Disabled, IOUT = 0
0.2
0.5
1
Input Quiescent Current
IQ
Enabled, IOUT = 0
20
45
70
Input Leakage Current
ILEAK
Disabled, VOUT grounded
-
0.1
1
Reverse Leakage Current
IREV
Disabled, VIN = 0V,
VOUT = 5V, IREV at VIN
-
0.1
1
Switch on-resistance
RDS(ON)
VIN= 5V, IOUT = 1.5A, TA=25℃
70
90
115
m
VIN= 5V, IOUT = 1.5A, -40℃≤TA≤85℃
-
-
140
m
Short-Circuit Current Limit
ILIMIT
VIN= 5V, VOUT = 4V, CL=120㎌, -40℃≺TA≺85℃
1.6
2.1
2.6
A
Current limiting trigger threshold
ITrig
Output Current Slew rate(<100A/s), CL=120㎌
-
2.6
-
A
EN Input Logic Low Voltagve
VIL
VIN= 2.7V to 5.5V
-
-
0.8
V
EN Input Logic High Voltagve
VIH
VIN= 2.7V to 5.5V
2
-
-
V
EN Input leakage
ISINK
VEN=5V
-
-
1
Output turn-on delay time
TD(on)
CL=1㎌, Rload=10Ω
-
0.05
0.1
ms
Output turn-off delay time
TD(off)
CL=1㎌, Rload=10Ω
-
0.05
0.1
ms
Output turn-on rise time
TR
CL=1㎌, Rload=10Ω
-
0.6
1.5
ms
Output turn-on fall time
TF
CL=1㎌, Rload=10Ω
-
0.2
0.4
ms
Discharge time
TDIS
CL=120㎌, Rload=10Ω
disabled to VOUT < 0.5V
1
3
6
ms
FLG blanking time
TBlank
CIN = 10㎌, CL = 22㎌
4
7
15
ms
Thermal Shutdown Threshold
TSHDN
Enabled, Rload = 1
130
150
170
Thermal Shutdown Hysteresis
THYS
Disabled, VOUT grounded
-
25
-


Numéro de pièce similaire - KIC6971F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC6971F KEC-KIC6971F Datasheet
499Kb / 8P
   SEMICONDUCTOR
KIC6971F-MF KEC-KIC6971F-MF Datasheet
499Kb / 8P
   SEMICONDUCTOR
More results

Description similaire - KIC6971F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC3211 KEC-KIC3211 Datasheet
356Kb / 10P
   Analog CMOS Integrated Circuits
KIC3522F KEC-KIC3522F Datasheet
381Kb / 6P
   Analog CMOS Integrated Circuits
KIC7608 KEC-KIC7608 Datasheet
1Mb / 15P
   Analog CMOS Integrated Circuits
KIC3926S KEC-KIC3926S Datasheet
64Kb / 6P
   Analog CMOS Integrated Circuits
KIC7108 KEC-KIC7108 Datasheet
920Kb / 8P
   Analog CMOS Integrated Circuits
KAC3305DN KEC-KAC3305DN Datasheet
481Kb / 6P
   Analog CMOS Integrated Circuits
KIC7508 KEC-KIC7508 Datasheet
771Kb / 7P
   Analog CMOS Integrated Circuits
KAC3304DU KEC-KAC3304DU Datasheet
63Kb / 7P
   Analog CMOS Integrated Circuits
KIC3211 KEC-KIC3211_11 Datasheet
668Kb / 9P
   Analog CMOS Integrated Circuits
KIC6961T KEC-KIC6961T Datasheet
1Mb / 11P
   Analog CMOS Integrated Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com