Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KIA7912F Datasheet(Fiches technique) 3 Page - KEC(Korea Electronics)

Numéro de pièce KIA7912F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA7912F Datasheet(HTML) 3 Page - KEC(Korea Electronics)

  KIA7912F Datenblatt HTML 1Page - KEC(Korea Electronics) KIA7912F Datenblatt HTML 2Page - KEC(Korea Electronics) KIA7912F Datasheet HTML 3Page - KEC(Korea Electronics) KIA7912F Datenblatt HTML 4Page - KEC(Korea Electronics) KIA7912F Datenblatt HTML 5Page - KEC(Korea Electronics) KIA7912F Datenblatt HTML 6Page - KEC(Korea Electronics) KIA7912F Datenblatt HTML 7Page - KEC(Korea Electronics) KIA7912F Datenblatt HTML 8Page - KEC(Korea Electronics) KIA7912F Datenblatt HTML 9Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
2007. 9. 7
3/16
KIA7905F/PI~KIA7924F/PI
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA7905F/PI
(Unless otherwise specified, VIN=-10V, IOUT=500mA, 0
Tj
125
, CIN=2.2 F, COUT=1 F)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
Fig.1
Tj=25
-5.2
-5.0
-4.8
V
Input Regulation
Reg line
Fig.1
Tj=25
-12V
VIN
-8V
-
5
50
mV
-25V
VIN
-7V
-
10
100
Load Regulation
Reg load
Fig.1
Tj=25
5mA
IOUT
1.5A
-
10
100
mV
250mA
IOUT
750mA
-
3
50
Output Voltage
VOUT
Fig.1
-20V
VIN
-7V
5mA
IOUT
1.0A
-5.25
-5.0
-4.75
V
Quiescent Current
IB
Fig.1
Tj=25
-
3
6
mA
Quiescent Current Change
IBI
Fig.1
-25V
VIN
-8V
-
0.1
1.3
mA
IBO
5mA
IOUT
1.0A
-
0.05
0.5
Output Noise Voltage
VNO
Fig.2
Ta=25
, 10Hz
f
100kHz
-
100
-
Vrms
Ripple Rejection Ratio
RR
Fig.3
f=120Hz, IOUT=20mA,
54
60
-
dB
Short Circuit Current Limit
ISC
Fig.1
Tj=25
-
1.9
-
A
Average Temperature
Coefficient of Output Voltage
TCVO
Fig.1
IOUT=5.0mA
-
-0.4
-
mV/
Dropout Voltage
VD
Fig.1
Tj=25
, IOUT=1A
-
2.0
-
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn