Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIC7SZ125FU Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KIC7SZ125FU
Description  SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIC7SZ125FU Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KIC7SZ125FU_15 Datasheet HTML 1Page - KEC(Korea Electronics) KIC7SZ125FU_15 Datasheet HTML 2Page - KEC(Korea Electronics) KIC7SZ125FU_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2008. 9. 17
2/3
KIC7SZ125FU
Revision No : 3
RECOMMENDED OPERATING CONDITIONS
DC ELECTRICAL CHARACTERISTICS
CHARACTERISTIC
SYMBOL
TEST CONDITION
Ta=25
Ta=-40
85
UNIT
VCC(V)
MIN.
TYP.
MAX.
MIN.
MAX.
High-Level Input Voltage
VIH
-
1.8
0.88
VCC
-
-
0.88
VCC
-
V
2.3
5.5
0.75
VCC
-
-
0.75
VCC
-
Low-Level Input Voltage
VIL
-
1.8
-
-
0.12
VCC
-
0.12
VCC
V
2.3
5.5
-
-
0.25
VCC
-
0.25
VCC
High-Level Output Voltage
VOH
VIN=VIH
or VIL
IOH=-100 A
1.8
1.7
1.8
-
1.7
-
V
2.3
2.2
2.3
-
2.2
-
3.0
2.9
3.0
-
2.9
-
4.5
4.4
4.5
-
4.4
-
IOH=-8mA
2.3
1.9
2.15
-
1.9
-
IOH=-16mA
3.0
2.4
2.8
-
2.4
-
IOH=-24mA
3.0
2.3
2.68
-
2.3
-
IOH=-32mA
4.5
3.8
4.2
-
3.8
-
Low-Level Output Voltage
VOL
VIN=VIH
or VIL
IOL=100 A
1.8
-
0
0.1
-
0.1
V
2.3
-
0
0.1
-
0.1
3.0
-
0
0.1
-
0.1
4.5
-
0
0.1
-
0.1
IOL=8mA
2.3
-
0.1
0.3
-
0.3
IOL=16mA
3.0
-
0.15
0.4
-
0.4
IOL=24mA
3.0
-
0.22
0.55
-
0.55
IOL=32mA
4.5
-
0.22
0.55
-
0.55
Input Leakage Current
IIN
VIN=5.5V or GND
0
5.5
-
-
1
-
10
A
3-state Output off-State Current
IOZ
VIN=VIH or VIL
VOUT=0 5.5V
1.8
5.5
-
-
1
-
10
Quiescent Supply Current
ICC
VIN=VCC or GND
5.5
-
-
2
-
20
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VCC
1.8
5.5
V
1.5
5.5 (Note1)
Input Voltage
VIN
0
5.5
V
Output Voltage
VOUT
0
5.5
(Note2)
V
0
VCC (Note3)
Operating Temperature
Topr
-40
85
Input Rise and Fall Time
dt/dv
0
20 (VCC=1.8V, 2.5V 0.2V)
ns/V
0
10 (VCC=3.3V 0.3V)
0
5 (VCC=5.5V 0.5V)
Note1) Data retention only.
Note2) VCC=0V
Note3) H and Low state


Numéro de pièce similaire - KIC7SZ125FU_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIC7SZ125FU KEC-KIC7SZ125FU Datasheet
83Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT BUS BUFFER, 3-STATE OUTPUT
More results

Description similaire - KIC7SZ125FU_15

FabricantNo de pièceFiches techniqueDescription
logo
Toshiba Semiconductor
TC74HC32AP TOSHIBA-TC74HC32AP_07 Datasheet
256Kb / 8P
   CMOS Digital Integrated Circuit Silicon Monolithic CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC279AP TOSHIBA-TC74HC279AP Datasheet
242Kb / 5P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC74HC173AP TOSHIBA-TC74HC173AP Datasheet
283Kb / 7P
   CMOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TC7PA19AFE TOSHIBA-TC7PA19AFE Datasheet
204Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC257P TOSHIBA-TC74AC257P_07 Datasheet
356Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74AC08FN TOSHIBA-TC74AC08FN_07 Datasheet
263Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
TC74HC4050AP TOSHIBA-TC74HC4050AP_07 Datasheet
255Kb / 9P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S66FU KEC-KIC7S66FU_08 Datasheet
33Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TC7S04FUTE85L TOSHIBA-TC7S04FUTE85L Datasheet
183Kb / 7P
   CMOS Digital Integrated Circuit Silicon Monolithic
logo
KEC(Korea Electronics)
KIC7S04FU KEC-KIC7S04FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
KIC7S32FU KEC-KIC7S32FU_15 Datasheet
42Kb / 3P
   SILICON MONOLITHIC CMOS DIGITAL INTEGRATED CIRCUIT
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com