Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA278R018PI Fiches technique(PDF) 7 Page - KEC(Korea Electronics)

No de pièce KIA278R018PI
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA278R018PI Fiches technique(HTML) 7 Page - KEC(Korea Electronics)

Back Button KIA278R018PI Datasheet HTML 2Page - KEC(Korea Electronics) KIA278R018PI Datasheet HTML 3Page - KEC(Korea Electronics) KIA278R018PI Datasheet HTML 4Page - KEC(Korea Electronics) KIA278R018PI Datasheet HTML 5Page - KEC(Korea Electronics) KIA278R018PI Datasheet HTML 6Page - KEC(Korea Electronics) KIA278R018PI Datasheet HTML 7Page - KEC(Korea Electronics) KIA278R018PI Datasheet HTML 8Page - KEC(Korea Electronics) KIA278R018PI Datasheet HTML 9Page - KEC(Korea Electronics) KIA278R018PI Datasheet HTML 10Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
2005. 10. 21
7/10
KIA278R015FP/PI~KIA278R050FP/PI
Revision No : 0
ELECTRICAL CHARACTERISTICS (KIA278R050)
(Unless otherwise specified, VIN=VO+1V, IO=1A, Ta=25
)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
VO
-
4.88
5.0
5.12
V
Load Regulation
Reg Load
IO=5mA
2.0A
-
0.2
2.0
%
Line Regulation
Reg Line
VIN=5.5V~7V, IO=5mA
-
0.05
1.0
%
Temperature Coefficient of Output Voltage
TCVO
Tj=0
125
, IO=5mA
-
0.02
0.05
%/
Ripple Rejection
R
R
IOUT=0.5A, f=120Hz,
Vripple=0.5Vrms
45
60
-
dB
Dropout Voltage
VD
IO=2A
-
-
0.5
V
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
200
A
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
2.0
A
Quiescent Current
IQ
IO=0A
-
1
2
mA
Quiescent Current (OFF Mode)
IQ(OFF)
VC=0.4V, IO=0A
-
0.5
5
A


Numéro de pièce similaire - KIA278R018PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA278R018FP/PI KEC-KIA278R018FP/PI Datasheet
1Mb / 10P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R018FP/PI KEC-KIA278R018FP/PI Datasheet
1Mb / 10P
   SEMICONDUCTOR
More results

Description similaire - KIA278R018PI

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com