Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KIA78R35F Datasheet(Fiches technique) 1 Page - KEC(Korea Electronics)

Numéro de pièce KIA78R35F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Télécharger  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R35F Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  KIA78R35F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R35F Datenblatt HTML 2Page - KEC(Korea Electronics) KIA78R35F Datenblatt HTML 3Page - KEC(Korea Electronics) KIA78R35F Datenblatt HTML 4Page - KEC(Korea Electronics) KIA78R35F Datenblatt HTML 5Page - KEC(Korea Electronics) KIA78R35F Datenblatt HTML 6Page - KEC(Korea Electronics) KIA78R35F Datenblatt HTML 7Page - KEC(Korea Electronics) KIA78R35F Datenblatt HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
2009. 10. 22
1/8
SEMICONDUCTOR
TECHNICAL DATA
KIA78R05F~KIA78R35F
BIPOLAR LINEAR INTEGRATED CIRCUIT
Revision No : 4
5 TERMINAL LOW DROPOUT VOLTAGE REGULATOR
The KIA78R×× series are Low Dropout Voltage Regulator suitable
for various electronic equipments. It provides constant voltage power
source with DPAK-5 terminal surface mount type PKG.
The Regulator has multi function such as over current protection, overheat
protection and ON/OFF control.
FEATURES
・1.0A Output Low Dropout Voltage Regulator.
・Built in ON/OFF Control Terminal.
・Built in Over Current Protection, Over Heat Protection Function.
LINE UP
DPAK-5
DIM
MILLIMETERS
A
B
C
D
E
I
6.6 0.2
6.1 0.2
5.0 0.2
1.10 0.2
2.70 0.2
1.27 0.1
0.5+0.2/-0.1
2.30 0.2
0.5 0.1
0.50 0.1
0.8 0.2
0.7MIN
0 ~0.25
C
A
F
H
I
J
L
P
N
F
H
J
L
M
N
O
1.00 0.1
P
1
DC INPUT (V
)
IN
ON/OFF CONTROL (V )
2
C
DC OUTPUT (V
)
3
OUT
N.C
4
GND
5
GND
5
12
34
5
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
Heat Sink is
Common to
MAXIMUM RATINGS (Ta=25℃)
ITEM
OUTPUT VOLTAGE (Typ.)
UNIT
KIA78R05F
5
V
KIA78R06F
6
KIA78R08F
8
KIA78R09F
9
KIA78R10F
10
KIA78R12F
12
KIA78R15F
15
KIA78R25F
2.5
KIA78R33F
3.3
KIA78R35F
3.5
CHARACTERISTIC
SYMBOL
RATING
UNIT
REMARK
Input Voltage
VIN
35
V
-
ON/OFF Control Voltage
VC
35
V
-
Output Current
IO
1
A
-
Power Dissipation 1
PD1
1.3
W
No Heatsink
Power Dissipation 2
PD2
13
W
Infinite
Heatsink
Junction Temperature
Tj
150
-
Operating Temperature
Topr
-20~80
-
Storage Temperature
Tstg
-30~150
-
Soldering Temperature (10sec)
Tsol
260
-


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn