Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA78R10F Fiches technique(PDF) 5 Page - KEC(Korea Electronics)

No de pièce KIA78R10F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R10F Fiches technique(HTML) 5 Page - KEC(Korea Electronics)

  KIA78R10F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2009. 10. 22
5/8
KIA78R05F~KIA78R35F
Revision No : 4
-100
-25
025
50
75
100
125
-50
0
50
100
150
0
0
OUTPUT CURRENT IOUT (A)
Fig. 5 VOUT - IOUT
0.5
1.0
1.5
2.0
20
40
60
80
100
JUNCTION TEMPERATURE Tj ( C)
Fig. 4 PD - Ta (DPAK-5)
0
3
6
9
15
12
0150
50
100
THERMAL RESISTANCE
J-C
9.62
J-A
96.2
C/W
AMBIENT TEMPERATURE Ta ( C)
P
D2
P
D1
Fig. 6
VO - Tj
VIN=7V (KIA78R05)
VIN=8V (KIA78R06)
VIN=10V (KIA78R08)
VIN=15V (KIA78R09)
VIN=16V (KIA78R10)
VIN=18V (KIA78R12)
VIN=21V (KIA78R15)
VIN=4.2V (KIA78R25)
VIN=5.0V (KIA78R33)
VIN=5.2V (KIA78R35)
0
-25
025
50
75
100
125
2
4
6
8
10
JUNCTION TEMPERATURE Tj ( C)
V
IN = 35V
I
O = 0A
-25
0
25
50
100
75
125
JUNCTION TEMPERATURE Tj ( C)
Fig. 7 VD - Tj
Fig. 8 Iq - Tj
0
I =1A
O
0.1
0.2
0.3
0.4
0.5
I =0.75A
O
I =0.5A
O
I =0.25A
O
IO=0.5A
INPUT RIPPLE FREQUENCY f (kHz)
0.1
0
10
20
30
40
50
60
70
80
110
100
I
O= 0.5A,ei=0.5Vrms
V
IN = 4.2V(KIA78R25)
V
IN = 10V(KIA78R08)
V
IN = 5.0V(KIA78R33)
V
IN = 15V(KIA78R09)
V
IN = 5.2V(KIA78R35)
V
IN = 16V(KIA78R10)
V
IN = 7V (KIA78R05)
V
IN = 18V(KIA78R12)
V
IN = 8V (KIA78R06)
V
IN = 21V(KIA78R15)
Fig. 9 R.R - f


Numéro de pièce similaire - KIA78R10F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78R10F KEC-KIA78R10F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R10F TGS-KIA78R10F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78R10FXX TGS-KIA78R10FXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results

Description similaire - KIA78R10F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com