Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KIA78R10F Fiches technique(PDF) 2 Page - KEC(Korea Electronics)

No de pièce KIA78R10F
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78R10F Fiches technique(HTML) 2 Page - KEC(Korea Electronics)

  KIA78R10F Datasheet HTML 1Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 2Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 3Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 4Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 5Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 6Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 7Page - KEC(Korea Electronics) KIA78R10F Datasheet HTML 8Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2009. 10. 22
2/8
KIA78R05F~KIA78R35F
Revision No : 4
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, IO=0.5A, Ta=25℃, Note1.)
CHARACTERISTIC
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Output Voltage
KIA78R05F
VO
-
4.88
5.0
5.12
V
KIA78R06F
-
5.85
6.0
6.15
KIA78R08F
-
7.80
8.0
8.2
KIA78R09F
-
8.78
9.0
9.22
KIA78R10F
-
9.75
10.0
10.25
KIA78R12F
-
11.70
12.0
12.30
KIA78R15F
-
14.70
15.0
15.30
KIA78R25F
-
2.438
2.50
2.562
KIA78R33F
-
3.220
3.30
3.380
KIA78R35F
-
3.413
3.50
3.587
Load Regulation
Reg Load
5mA≤IOUT≤1A
-
0.1
2.0
%
Line Regulation
Reg Line
(Note 2)
-
0.5
2.5
%
Temperature Coefficient of Output Voltage
TCVO
Tj=0~125℃
-
±0.02
±0.05
%/℃
Ripple Rejection
R・R
-
45
55
-
dB
Drop Out Voltage
VD
IO=1A, VIN=0.95 VOUT
-
-
0.5
V
Output ON state for control Voltage
VC(ON)
-
2.0
-
-
V
Output ON state for control Current
IC(ON)
VC=2.7V
-
-
20
μA
Output OFF state for control Voltage
VC(OFF)
-
-
-
0.8
V
Output OFF state for control Current
IC(OFF)
VC=0.4V
-
-
-0.4
mA
Quiescent Current
IQ
IO=0
-
-
10
mA
Note1) VIN of KIA78R05=7V
"
KIA78R06=8V
"
KIA78R08=10V
"
KIA78R09=15V
"
KIA78R10=16V
"
KIA78R12=18V
"
KIA78R15=21V
"
KIA78R25=4.2V
"
KIA78R33=5.0V
"
KIA78R35=5.2V
Note2) VIN of KIA78R05=6~12V
"
KIA78R06=7~15V
"
KIA78R08=9~25V
"
KIA78R09=10~25V
"
KIA78R10=11~26V
"
KIA78R12=13~29V
"
KIA78R15=16~32V
"
KIA78R25=3.2~10V
"
KIA78R33=4.0~10V
"
KIA78R35=4.2~10V


Numéro de pièce similaire - KIA78R10F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KIA78R10F KEC-KIA78R10F Datasheet
122Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT (5 TERMINAL LOW DROP VOLTAGE REGULATOR)
logo
Tiger Electronic Co.,Lt...
KIA78R10F TGS-KIA78R10F Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
KIA78R10FXX TGS-KIA78R10FXX Datasheet
2Mb / 7P
   1A Low Dropout Voltage Regulator With ON/OFF Control
More results

Description similaire - KIA78R10F

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KID65501P KEC-KID65501P Datasheet
538Kb / 7P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA7805AF KEC-KIA7805AF Datasheet
485Kb / 17P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
logo
AUK corp
S7129SF AUK-S7129SF Datasheet
204Kb / 3P
   Bipolar Linear Integrated Circuit
S7139AM AUK-S7139AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
S7142AM AUK-S7142AM Datasheet
212Kb / 3P
   Bipolar Linear Integrated Circuit
logo
KEC(Korea Electronics)
KIA78D15AF KEC-KIA78D15AF Datasheet
650Kb / 11P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA78DL05F KEC-KIA78DL05F_15 Datasheet
74Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA278R00PI KEC-KIA278R00PI_15 Datasheet
56Kb / 5P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA324P KEC-KIA324P_15 Datasheet
70Kb / 4P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA378R015FP KEC-KIA378R015FP_15 Datasheet
843Kb / 9P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
KIA431AS KEC-KIA431AS_15 Datasheet
399Kb / 8P
   BIPOLAR LINEAR INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com