Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM2931 Fiches technique(PDF) 5 Page - ON Semiconductor

No de pièce LM2931
Description  100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931 Fiches technique(HTML) 5 Page - ON Semiconductor

  LM2931 Datasheet HTML 1Page - ON Semiconductor LM2931 Datasheet HTML 2Page - ON Semiconductor LM2931 Datasheet HTML 3Page - ON Semiconductor LM2931 Datasheet HTML 4Page - ON Semiconductor LM2931 Datasheet HTML 5Page - ON Semiconductor LM2931 Datasheet HTML 6Page - ON Semiconductor LM2931 Datasheet HTML 7Page - ON Semiconductor LM2931 Datasheet HTML 8Page - ON Semiconductor LM2931 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (Vin = 14 V, IO = 10 mA, CO = 100 mF, CO(ESR) = 0.3 W, TA = 25°C [Note 7])
LM2931C/NCV2931C
LM2931AC/NCV2931AC
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Unit
ADJUSTABLE OUTPUT
Reference Voltage (Note 8, Figure 18)
Vref
V
IO = 10 mA, TA = 25°C
1.14
1.20
1.26
1.17
1.20
1.23
IO ≤ 100 mA, TA = −40 to +125°C
1.08
1.32
1.15
1.25
Output Voltage Range
VO range
3.0 to
24
2.7 to
29.5
3.0 to
24
2.7 to
29.5
V
Line Regulation (Vin = VO + 0.6 V to 26 V)
Regline
0.2
1.5
0.2
1.5
mV/V
Load Regulation (IO = 5.0 mA to 100 mA)
Regload
0.3
1.0
0.3
1.0
%/V
Output Impedance
ZO
mW/V
IO = 10 mA, DIO = 1.0 mA, f = 10 Hz to 10 kHz
40
40
Bias Current
IB
mA
IO = 100 mA
6.0
6.0
IO = 10 mA
0.4
1.0
0.4
1.0
Output Inhibited (Vth(OI) = 2.5 V)
0.2
1.0
0.2
1.0
Adjustment Pin Current
IAdj
0.2
0.2
mA
Output Noise Voltage (f = 10 Hz to 100 kHz)
Vn
140
140
mVrms/V
Long−Term Stability
S
0.4
0.4
%/kHR
Ripple Rejection (f = 120 Hz)
RR
0.10
0.003
0.10
0.003
%/V
Dropout Voltage
VI−VO
V
IO = 10 mA
0.015
0.2
0.015
0.2
IO = 100 mA
0.16
0.6
0.16
0.6
Over−Voltage Shutdown Threshold
Vth(OV)
26
29.5
40
26
29.5
40
V
Output Voltage with Reverse Polarity Input
(Vin = −15 V)
−VO
−0.3
0
−0.3
0
V
Output Inhibit Threshold Voltages
Vth(OI)
V
Output “On”:
TA = 25°C
2.15
1.90
2.15
1.90
TA = −40° to +125°C
1.20
1.20
Output “Off”:
TA = 25°C
2.50
2.26
2.50
2.26
TA = −40° to +125°C
3.25
3.25
Output Inhibit Threshold Current (Vth(OI) = 2.5 V)
Ith(OI)
30
50
30
50
mA
7. Low duty cycle pulse techniques are used during test to maintain junction temperature as close to ambient as possible.
8. The reference voltage on the adjustable device is measured from the output to the adjust pin across R1.


Numéro de pièce similaire - LM2931

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM2931 NSC-LM2931 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931 ONSEMI-LM2931 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
List of Unclassifed Man...
LM2931 ETC-LM2931 Datasheet
87Kb / 8P
   100mA Low Dropout Voltage Regulator
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
logo
Motorola, Inc
LM2931 MOTOROLA-LM2931 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
More results

Description similaire - LM2931

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931 ONSEMI-LM2931_07 Datasheet
254Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
March, 2007 ??Rev. 20
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com