Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

KIA78S05P Datasheet(Fiches technique) 9 Page - KEC(Korea Electronics)

Numéro de pièce KIA78S05P
Description  BIPOLAR LINEAR INTEGRATED CIRCUIT
Télécharger  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KIA78S05P Datasheet(HTML) 9 Page - KEC(Korea Electronics)

Back Button KIA78S05P Datenblatt HTML 5Page - KEC(Korea Electronics) KIA78S05P Datenblatt HTML 6Page - KEC(Korea Electronics) KIA78S05P Datenblatt HTML 7Page - KEC(Korea Electronics) KIA78S05P Datenblatt HTML 8Page - KEC(Korea Electronics) KIA78S05P Datasheet HTML 9Page - KEC(Korea Electronics) KIA78S05P Datenblatt HTML 10Page - KEC(Korea Electronics) KIA78S05P Datenblatt HTML 11Page - KEC(Korea Electronics) KIA78S05P Datenblatt HTML 12Page - KEC(Korea Electronics) KIA78S05P Datenblatt HTML 13Page - KEC(Korea Electronics) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
2011. 4. 5
9/15
KIA78S05P~KIA78S24P
Revision No : 3
ELECTRICAL CHARACTERISTICS
KIA78S18P
(Unless otherwise specified, VIN=27V, IOUT=40mA, CIN=0.33μF, COUT=0.1μF, 0℃≦Tj≦125℃)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Voltage
VOUT
1
Tj=25℃
17.3
18
18.7
V
Input Regulation
Reg line
1
Tj=25℃
21.4V
≦VIN≦33V
-
32
325
mV
22V
≦VIN≦33V
-
27
275
Load Regulation
Reg load
1
Tj=25℃
1.0mA
≦IOUT≦100mA
-
30
170
mV
1.0mA
≦IOUT≦40mA
-
15
75
Output Voltage
VOUT
1
21.4V
≦VIN≦33V
1.0mA
≦IOUT≦40mA
17.1
-
18.9
V
VIN=27V, 1.0mA≦IOUT≦70mA
17.1
-
18.9
Quiescent Current
IB
1
Tj=25℃
-
3.3
6.5
mA
Tj=125℃
-
-
6.0
Quiescent Current Change
ΔIB
1
22V
≦VIN≦33V
-
-
1.5
mA
1.0mA
≦IOUT≦40mA
-
-
0.1
Output Noise Voltage
VNO
1
Ta=25
℃, 10Hz≦f≦100kHz
-
150
-
μVrms
Long Term Stability
ΔVOUT/Δt
1
-
45
-
mV/
1.0kHrs
Ripple Rejection Ratio
RR
2
f=120Hz, 23V
≦VIN≦33V,
Tj=25℃
32
38
-
dB
Dropout Voltage
|VIN-VOUT
1
Tj=25℃
-
1.7
-
V
Average Temperature
Coefficient of Output Voltage
TCVO
1
IOUT=5mA
-
-1.5
-
mV/


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn