Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32171F4VFP Datasheet(Fiches technique) 18 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32171F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    
Télécharger  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32171F4VFP Datasheet(HTML) 18 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Mitsubishi Microcomputers
18
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32171 Group
Input/output Ports
The microcomputer has a total of 97 input/output ports
P0-P22. (However, P5 is reserved for future use, P14, P16,
and P18-P21 do not exist.) The input/output ports can be
used as input ports or output ports by setting uptheir direction
registers.
Table 9 Outline of Input/output Ports
Item
Specification
Number of Port
Total 97 ports
P0
:
P00 - P07
(8 lines)
P1
:
P10 - P17
(8 lines)
P2
:
P20 - P27
(8 lines)
P3
:
P30 - P37
(8 lines)
P4
:
P41 - P47
(7 lines)
P6
:
P61 - P64
(4 lines)
P7
:
P70 - P77
(8 lines)
P8
:
P82 - P87
(6 lines)
P9
:
P93 - P97
(5 lines)
P10
:
P100 - P107
(8 lines)
P11
:
P110 - P117
(8 lines)
P12
:
P124 - P127
(4 lines)
P13
:
P130 - P137
(8 lines)
P15
:
P150, P153
(2 lines)
P17
:
P174, P175
(2 lines)
P22
:
P220, P221, P225 (3 lines)
Port function
The input/output ports can be set for input or output mode bitwise by using the input/output port
___
direction control register. (However, P64 is an SBI input-only port, and P221 is CAN input-only port.)
Pin function
Dual-functions shared with peripheral I/O or external extended signals (or multi-functions shared with
peripheral I/Os which have multiple functions.)
Pin function
P0 - P4 : Changed by setting CPU operation mode (MOD0 and MOD1 pins)
changeover
P6 - 22 : Changed by setting the input/output port operation mode register.
(However, peripheral I/O pin functions are selected using the peripheral I/O register.)
Note: Input/output ports P14, P16, and P18-P21 do not exist.
Table 10 CPU Operation Modes and P0-P4 Pin Functions
MOD0
MOD1
Operation mode
Pin functions of P0-P4
VSS
VSS
Single-chip mode
Input/output port pin
VSS
VCCE
External extended mode
VCCE
VSS
Processor mode (FP pin = VSS)
VCCE
VCCE
Reserved (use inhibited)
Note: VCCE connects to +5V or +3.3V, and VSS connects to GND.
Each input/output port is a dual-function pin shared with
otherinternal peripheral I/O or external extended bus signal
lines. These pin functions are selected by using the chip op-
eration mode select or the input/output port operation mode
registers. These input/output ports are interfaced using a
dedicated power supply to allow for connections to the pe-
ripheral circuits operating with 5V or 3.3V.
External extended signal pin


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34250M2SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M50940SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn