Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32171F4VFP Datasheet(Fiches technique) 10 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32171F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    
Télécharger  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32171F4VFP Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Mitsubishi Microcomputers
10
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32171 Group
Table 6 Description of Pin Functions (3/4)
Type
Pin name
Description
Input/output
Function
Serial
SCLKI0/
UART transmit/
Input/output
When channel 0 is in UART mode:
I/O
SCLKO0
receive clock
Clock output derived from BRG output by dividing it by 2
output or CSIO
transmit/receive
When channel 0 is in CSIO mode:
clock
Transmit/receive clock input when external clock is selected
input/output
Transmit/receive clock output when internal clock is selected
SCLKI1/
UART transmit/
Input/output
When channel 1 is in UART mode:
SCLKO1
receive clock
Clock output derived from BRG output by dividing it by 2
output or CSIO
transmit/receive
When channel 1 is in CSIO mode:
clock
Transmit/receive clock input when external clock is selected
input/output
Transmit/receive clock output when internal clock is selected
TXD0
Transmit data
Output
Transmit data output pin for serial I/O channel 0
RXD0
Receive data
Input
Receive data input pin for serial I/O channel 0
TXD1
Transmit data
Output
Transmit data output pin for serial I/O channel 1
RXD1
Receive data
Input
Receive data input pin for serial I/O channel 1
TXD2
Transmit data
Output
Transmit data output pin for serial I/O channel 2
RXD2
Receive data
Input
Receive data input pin for serial I/O channel 2
Real-Time
RTDTXD
Transmit data
Output
Serial data output pin of the real-time debugger
Debugger
RTDRXD
Receive data
Input
Serial data input pin of the real-time debugger
RTDCLK
Clock input
Input
Serial data transmit/receive clock input pin of the real-time debugger
RTDACK
Acknowledge
Output
This pin outputs a low pulse synchronously with the real-time debugger’s
first clock of serial data output word. The low pulse width indicates the
type of the command/data the realtime debugger has received.
Flash-
FP
Flash protect
Input
This pin protects the flash memory against E/W in hardware.
only
CAN
CTX
Transmit data
Output
Data output pin from CAN module.
CRX
Receive data
Input
Data input pin to CAN module.
JTAG
JTMS
Test mode
Input
Test select input for controlling the test circuit’s state transition
JTCK
Clock
Input
Clock input to the debugger module and test circuit.
JTRST
Test reset
Input
Test reset input for initializing the test circuit asynchronously.
JTDO
Serial output
Output
Serial output of test instruction code or test data.
JTDI
Serial input
Input
Serial input of test instruction code or test data.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34250M2SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M50940SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn