Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32171F4VFP Datasheet(Fiches technique) 8 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32171F4VFP
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    
Télécharger  37 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32171F4VFP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Mitsubishi Microcomputers
8
2001-5-14 Rev.1.0
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
32171 Group
Table 4 Description of Pin Function (1/4 )
Type
Pin Name
Description
Input/Output
Function
Power
VCCE
Power supply
Supplies power (5 V or 3.3V) to external I/O ports.
supply
VCCI
Power supply
Supplies power (3.3 V) to the internal logic.
VDD
RAM power supply
nternal RAM backup power supply (3.3 V).
FVCC
Flash power supply —
Internal flash memory backup power supply (3.3 V).
VSS
Ground—
Connect all VSS pins to ground
(GND).
Clock
XIN,
Clock
Input
Clock input/output pins. These pins contain a PLL-based
XOUT
Output
frequency multiply-by-4, so input the clock whose frequency is quarter
the operating frequency. (XIN input = 10 MHz when CPU clock operates
at 40 MHz)
BCLK /
System clock
Output
When this signal is System Clock(BCLK), it outputs a clock whose is twice that of
______
WR
external inpout clock. (BCLK output = 20 MHz when CPU clock operates at 40
MHz). Use this clock when circuits are synchronized externally.
______
When this signal is Write(WR), during external write access it indicates the
valid data on the data bus to transfer.
OSC-VCC
Power supply
Power supply to the PLL circuit. Connect OSC-VCC to the power supply(3.3V)
OSC-VSS
Ground—
Connect OSC-VSS to ground
.
VCNT
PLL control
Input
This pin controls the PLL circuit. Connect a resistor and capacitor to this pin.
Reset
______
RESET
Reset
Input
This pin resets the internal circuits.
Mode
MOD0
Mode
Input
These pins set an operation mode.
MOD1
MOD0
MOD1
Mode
0
0
Single-chip mode
0
1
Expanded external mode
1
0
Processor mode
0
0
(Boot mode) (Note)
1
1
(Reserved)
Address
A12-A30
Address
Output
19 lines of address bus (A12-A30) are provided to accommodate two
bus
bus
channels of 1 MB memory space (max.) connected external to the chip.
A31 is not output.
In the write cycle, of the 16-bit data bus the valid byte positions to write are
_________ ________
________ _______
output as BHW/ BHE and BLW/ BLE. In read cycle, data on the entire 16-bit
data bus is read. However, only the data at the valid byte positions are
transferred to the M32R’s internal circuit.
Data bus
DB0-DB15
Data bus
Input/output
This 16-bit data bus connects to external device.
Note: FP pin should be “H” level in Boot Mode.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32000D4BFP-80SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M34250M2SINGLE-CHIP 4-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M50940SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets
IDT74ALVCH323733.3V CMOS 32-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology
M37902FGCGPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
OV6620SINGLE-CHIP CMOS CIF COLOR DIGITAL CAMERA 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M30623M4ASINGLE-CHIP 16-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn