Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPH5520 Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce CPH5520
Description  Bipolar Transistor (-)50V, (-)5A, Low VCE(sat) Complementary Dual CPH5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH5520 Fiches technique(HTML) 3 Page - ON Semiconductor

  CPH5520 Datasheet HTML 1Page - ON Semiconductor CPH5520 Datasheet HTML 2Page - ON Semiconductor CPH5520 Datasheet HTML 3Page - ON Semiconductor CPH5520 Datasheet HTML 4Page - ON Semiconductor CPH5520 Datasheet HTML 5Page - ON Semiconductor CPH5520 Datasheet HTML 6Page - ON Semiconductor CPH5520 Datasheet HTML 7Page - ON Semiconductor CPH5520 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CPH5520
No. A0485-3/8
IC -- VCE
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
Collector-to-Emitter Voltage, VCE -- V
--2.0
--1.6
--1.2
--0.8
--1.0
--1.4
--1.8
--0.4
--0.2
--0.6
0
0
--0.4
--0.2
--0.6
--0.8
--1.2
--1.0
--1.4
--1.6
--1.8
--2.0
--10mA
--8mA
--40mA
10mA
15mA
20mA
30mA
8mA
2mA
4mA
6mA
IB=0mA
--4mA
--6mA
--2mA
IT08923
IT08924
2.0
1.6
1.2
0.8
1.0
1.4
1.8
0.4
0.2
0.6
0
0
0.4
0.2
0.6
0.8
1.2
1.0
1.4
1.6
1.8
2.0
--20mA
--60mA
--80mA
--100mA
40mA
IC -- VBE
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
Base-to-Emitter Voltage, VBE -- V
--2.00
--1.75
--1.25
--0.75
--1.50
--1.00
--0.50
--0.25
0
2.00
1.50
1.00
0.50
1.75
1.25
0.75
0.25
0
IT08925
IT08926
0
--0.2
--0.4
--0.6
--0.8
--1.0
0
0.2
0.4
0.6
0.8
1.0
VCE=2V
VCE= --2V
IB=0mA
hFE -- IC
fT -- IC
hFE -- IC
fT -- IC
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
Collector Current, IC -- A
IT08927
IT08929
IT08930
2
3
5
7
2
3
100
7
5
Ta=75°C
--25°C
VCE= --2V
25°C
Ta=75°C
--25°C
VCE=2V
25
°C
7
5
3
100
2
7
22
33
57
--0.01
--0.1
--1.0
23
5
7
23
5
7
--0.01
--0.1
--1.0
VCE=10V
23
2
3
57
10
3
5
3
5
7
100
2
2
7
23
5
7
0.01
0.1
3
23
5
7 0.1
2
VCE= --10V
IT08928
5
7
2
3
100
7
5
22
33
57
0.01
0.1
1.0
23
5
7
[PNP]
[NPN]
[PNP]
[NPN]
[PNP]
[NPN]
[PNP]
[NPN]


Numéro de pièce similaire - CPH5520

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
CPH5520 SANYO-CPH5520 Datasheet
63Kb / 5P
   High-Current Switching Applications
More results

Description similaire - CPH5520

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
CPH5506 ONSEMI-CPH5506 Datasheet
766Kb / 6P
   Bipolar Transistor (-)30V, (-)5A, Low VCE(sat) Complementary Dual CPH5
March, 2014
CPH5518 ONSEMI-CPH5518 Datasheet
403Kb / 8P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) Complementary Dual CPH5
September, 2013
ECH8503 ONSEMI-ECH8503 Datasheet
310Kb / 7P
   Bipolar Transistor -50V, -5A, Low VCE(sat) PNP Dual ECH8
August, 2013
ECH8502 ONSEMI-ECH8502 Datasheet
405Kb / 8P
   Bipolar Transistor (-)50V, (-)30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
MCH6545 ONSEMI-MCH6545 Datasheet
599Kb / 8P
   Bipolar Transistor (-)50V, (-)1A, Low VCE(sat) Complementary Dual MCPH6
September, 2013
CPH5505 ONSEMI-CPH5505 Datasheet
295Kb / 6P
   Bipolar Transistor -30V, -3A, Low VCE(sat), PNP Dual CPH5
November, 2013
logo
Unisonic Technologies
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
   50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
CPH3212 ONSEMI-CPH3212 Datasheet
582Kb / 6P
   Bipolar Transistor 50V, 5A, Low VCE(sat), NPN Single CPH3
September, 2013
logo
Unisonic Technologies
USS4350 UTC-USS4350 Datasheet
135Kb / 3P
   50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
ON Semiconductor
ECH8501-TL-H ONSEMI-ECH8501-TL-H Datasheet
402Kb / 8P
   Bipolar Transistor (??30V, (??30A, Low VCE(sat) Complementary Dual ECH8
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com