Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1805F-E Fiches technique(PDF) 3 Page - ON Semiconductor

No de pièce 2SD1805F-E
Description  Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single TP/TP-FA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SD1805F-E Fiches technique(HTML) 3 Page - ON Semiconductor

  2SD1805F-E Datasheet HTML 1Page - ON Semiconductor 2SD1805F-E Datasheet HTML 2Page - ON Semiconductor 2SD1805F-E Datasheet HTML 3Page - ON Semiconductor 2SD1805F-E Datasheet HTML 4Page - ON Semiconductor 2SD1805F-E Datasheet HTML 5Page - ON Semiconductor 2SD1805F-E Datasheet HTML 6Page - ON Semiconductor 2SD1805F-E Datasheet HTML 7Page - ON Semiconductor 2SD1805F-E Datasheet HTML 8Page - ON Semiconductor 2SD1805F-E Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
2SD1805
No.2115-3/9
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
IC -- VCE
Collector-to-Emitter Voltage, VCE -- V
5
4
3
2
1
0
01
2
3
5
4
IB=0
ITR10035
40mA
30mA
20mA
15mA
10mA
5mA
5
4
3
2
1
0
0
0.2
0.4
0.6
1.0
0.8
IB=0
60mA
50mA40mA
30mA
20mA
15mA
10mA
5mA
ITR10036
VBE(sat) -- IC
Collector Current, IC -- A
Cob -- VCB
Collector-to-Base Voltage, VCB -- V
VCE(sat) -- IC
Collector Current, IC -- A
fT -- IC
Collector Current, IC -- mA
hFE -- IC
Collector Current, IC -- A
IC -- VBE
Base-to-Emitter Voltage, VBE -- V
23
5
10
23
5
100
7
7
1000
1000
100
10
2
2
7
5
7
5
3
3
23
5
1.0
23
5
10
7
7
100
100
10
2
2
7
5
3
ITR10039
2
3
5
2
3
5
10
7
100
7
1000
23
55
0.01
0.1
23
5
1.0
23
5
10
VCE=10V
ITR10041
ITR10040
IC / IB=50
2
3
5
2
3
5
7
1.0
7
10
23
55
0.01
0.1
23
5
1.0
23
5
10
ITR10042
IC / IB=50
f=1MHz
Ta=75°C
75°C
--25°C
25°
C
Ta= --25°C
25
°C
0
0.2
0.4
0.6
0.8
1.2
1.0
6
5
4
3
2
1
0
ITR10037
2
3
5
2
3
5
7
100
7
1000
23
55
0.01
0.1
23
5
1.0
23
5
10
ITR10038
VCE=2V
Ta=75°
C
VCE=2V
--25°C
25
°C


Numéro de pièce similaire - 2SD1805F-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SD1805 SANYO-2SD1805 Datasheet
88Kb / 3P
   High-Current Switching Applications
logo
Inchange Semiconductor ...
2SD1805 ISC-2SD1805 Datasheet
331Kb / 3P
   isc Silicon NPN Power Transistor
logo
Guangdong Kexin Industr...
2SD1805-E KEXIN-2SD1805-E Datasheet
1Mb / 3P
   NPN Transistors
2SD1805-F KEXIN-2SD1805-F Datasheet
1Mb / 3P
   NPN Transistors
2SD1805-G KEXIN-2SD1805-G Datasheet
1Mb / 3P
   NPN Transistors
More results

Description similaire - 2SD1805F-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SB1203 ONSEMI-2SB1203_13 Datasheet
389Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SD1803T ONSEMI-2SD1803T Datasheet
389Kb / 10P
   Bipolar Transistor 50V, (??5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC5706-TL-H ONSEMI-2SC5706-TL-H Datasheet
424Kb / 10P
   Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SC6097 ONSEMI-2SC6097 Datasheet
416Kb / 9P
   Bipolar Transistor 60V, 3A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6098 ONSEMI-2SC6098 Datasheet
409Kb / 9P
   Bipolar Transistor 80V, 2.5A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC4134 ONSEMI-2SC4134 Datasheet
401Kb / 9P
   Bipolar Transistor 100V, 1A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SC6099-TL-E ONSEMI-2SC6099-TL-E Datasheet
402Kb / 9P
   Bipolar Transistor 100V, 2A, Low VCE(sat), NPN Single TP/TP-FA
September, 2013
2SB1202 ONSEMI-2SB1202 Datasheet
100Kb / 7P
   Bipolar Transistor (-)50V, (-)3A, Low VCE(sat) (PNP)NPN Single TP/TP-FA
September, 2013
2SA2040 ONSEMI-2SA2040 Datasheet
436Kb / 10P
   Bipolar Transistor (-)50V, (-)8A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
2SA2169 ONSEMI-2SA2169 Datasheet
426Kb / 10P
   Bipolar Transistor (-)50V, (-)10A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com