Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SC4614T-AN Fiches technique(PDF) 4 Page - ON Semiconductor

No de pièce 2SC4614T-AN
Description  Bipolar Transistor (-)160V, (-)1.5A, Low VCE(sat), (PNP)NPN Single NMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ONSEMI [ON Semiconductor]
Site Internet  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2SC4614T-AN Fiches technique(HTML) 4 Page - ON Semiconductor

  2SC4614T-AN Datasheet HTML 1Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 2Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 3Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 4Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 5Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 6Page - ON Semiconductor 2SC4614T-AN Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
fT -- IC
fT -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VBE(sat) -- IC
Collector Current, IC -- A
Collector Current, IC -- A
VCE(sat) -- IC
Collector Current, IC -- A
VCE(sat) -- IC
VBE(sat) -- IC
Collector Current, IC -- A
Ta=75°
C
25
°C
--25°
C
2SC4614
IC / IB=10
--0.01
--0.1
23
5
2
3
5
7
7
72
3
--1.0
--1000
7
5
3
3
2
2
7
5
3
2
--100
Ta=75
°C
25
°C
--25
°C
ITR04581
0.01
0.1
23
5
2
3
5
7
7
72
3
1.0
1000
7
5
3
3
2
2
7
5
3
2
100
ITR04582
2SA1770
IC / IB=10
5
3
2
7
5
3
10
7
100
1.0
37
3
2
10
27
100
55
ITR04580
2SA1770 / 2SC4614
(For PNP, minus sign is omitted.)
(For PNP, minus sign is omitted.)
2SA1770 / 2SC4614
2SA1770
2SC4614
3
100
10
2
5
7
5
3
2
7
25
32
2
5
3
0.01
0.1
7 1.0
ITR04579
2SA1770
2SC4614
1.0
0.1
5
7
7
7
5
3
2
3
2
5
3
3
2
0.01
5
1.0
10
23
25
37
57
100
25
37
ICP=2.5A
10ms
100ms
DC
operation
IC=1.5A
ITR04585
2SA1770 / 2SC4614
2SA1770 / 2SC4614
0
1.2
1.0
0.8
0.6
0.4
0.2
20
060
40
80
100
140
120
160
ITR04586
--1.0
--10
--0.01
--0.1
--1.0
Ta=--25°C
75°C
7
5
3
2
7
5
3
23
5
2
3
5
7
7
72
3
1.0
10
0.01
0.1
1.0
7
5
3
2
7
5
3
23
5
2
3
5
7
7
72
3
2SA1770
IC / IB=10
ITR04583
25
°C
Ta=--25°C
75°C
ITR04584
25
°C
2SC4614
IC / IB=10
Collector-to-Emitter Voltage, VCE -- V
A S O
Ambient Temperature, Ta --
°C
PC -- Ta
Single pulse
Ta=25
°C
(For PNP, minus sign is omitted.)
2SA1770 / 2SC4614
No.3578-4/7


Numéro de pièce similaire - 2SC4614T-AN

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
2SC4614T-AN SANYO-2SC4614T-AN Datasheet
515Kb / 7P
   High-Voltage Switching Applications
More results

Description similaire - 2SC4614T-AN

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
2SA2186 ONSEMI-2SA2186 Datasheet
584Kb / 7P
   Bipolar Transistor -50V, -2A, Low VCE(sat), PNP Single NMP
September, 2013
2SC4482 ONSEMI-2SC4482 Datasheet
580Kb / 6P
   Bipolar Transistor 20V, 5A, Low VCE(sat), NPN Single NMP
September, 2013
2SA2112 ONSEMI-2SA2112 Datasheet
576Kb / 7P
   Bipolar Transistor -50V, -3A, Low VCE(sat), PNP Single NMP
September, 2013
2SC3332S ONSEMI-2SC3332S Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332T ONSEMI-2SC3332T Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
2SC3332R ONSEMI-2SC3332R Datasheet
79Kb / 5P
   Bipolar Transistor 160V, 0.7A, Low VCE(sat) NPN Single NP
December, 2013
MCH6102 ONSEMI-MCH6102 Datasheet
561Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single MCPH6
September, 2013
CPH3115 ONSEMI-CPH3115 Datasheet
634Kb / 7P
   Bipolar Transistor (-)30V, (-)1.5A, Low VCE(sat), (PNP)NPN Single CPH3
September, 2013
MCH6101 ONSEMI-MCH6101 Datasheet
526Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single MCPH6
September, 2013
CPH3114 ONSEMI-CPH3114 Datasheet
583Kb / 6P
   Bipolar Transistor -15V, -1.5A, Low VCE(sat), PNP Single CPH3
September, 2013
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com