Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LO481MBL4-B0P Fiches technique(PDF) 1 Page - Marktech Corporate

No de pièce LO481MBL4-B0P
Description  Blue 110 oval LED lamp with tinted diffused lens and stand offs.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MARKTECH [Marktech Corporate]
Site Internet  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

LO481MBL4-B0P Fiches technique(HTML) 1 Page - Marktech Corporate

  LO481MBL4-B0P Datasheet HTML 1Page - Marktech Corporate LO481MBL4-B0P Datasheet HTML 2Page - Marktech Corporate LO481MBL4-B0P Datasheet HTML 3Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LO481MBL4-B0P
Pricing and Delivery Information Contact:
Marktech Optoelectronics*
120 Broadway, Menands, NY 12204
Phone: 800.984.5337 FAX: 518.432.7454
Web Site: www.marktechopto.com
*Marktech is the exclusive North American Technical Sales and Marketing office for COTCO LED products
1/3
COTCO LUMINANT DEVICE (HUIZHOU) LTD
Part #: LO481MBL4-B0P
Product Description: Blue 110º oval LED lamp with tinted diffused lens and stand offs.
ATTENTION
OBSERVE PRECAUTIONS
ELECTROSTATIC
SENSITIVE DEVICES
Resin: Epoxy
Lens Color: Tinted Diffused
Lead Frame: Ag Plating Iron Alloy
Dice: InGaN/SiC
DIMENSION DRAWING
COTCO-D-074 REV.0


Numéro de pièce similaire - LO481MBL4-B0P

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LO484NHR4-B0G MARKTECH-LO484NHR4-B0G Datasheet
45Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO484THR4-B0G MARKTECH-LO484THR4-B0G Datasheet
47Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO484TYL4-B0G MARKTECH-LO484TYL4-B0G Datasheet
47Kb / 3P
   Yellow 100 Elliptical LED lamp with tinted diffused lens and stand offs.
More results

Description similaire - LO481MBL4-B0P

FabricantNo de pièceFiches techniqueDescription
logo
Marktech Corporate
LC461MBL4-95G MARKTECH-LC461MBL4-95G Datasheet
62Kb / 3P
   Blue 95 4mm LED lamp with tinted diffused lens and stand offs.
LO561MSO3-75P MARKTECH-LO561MSO3-75P Datasheet
61Kb / 3P
   Orange 75 Oval LED lamp with tinted transparent lens and stand offs.
LC461MHR4-95G MARKTECH-LC461MHR4-95G Datasheet
59Kb / 3P
   Red 95 5mm LED lamp with tinted diffused lens and stand offs.
LC461MPG4-95G MARKTECH-LC461MPG4-95G Datasheet
61Kb / 3P
   Green 95 5mm LED lamp with tinted diffused lens and stand offs
LO561MYL3-75P MARKTECH-LO561MYL3-75P Datasheet
68Kb / 3P
   Yellow 75 Oval LED lamp with tinted transparent lens and stand offs.
LO484THR4-B0G MARKTECH-LO484THR4-B0G Datasheet
47Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO484NHR4-B0G MARKTECH-LO484NHR4-B0G Datasheet
45Kb / 3P
   Red 100 Elliptical LED lamp with tinted diffused lens and stand offs.
LO484TYL4-B0G MARKTECH-LO484TYL4-B0G Datasheet
47Kb / 3P
   Yellow 100 Elliptical LED lamp with tinted diffused lens and stand offs.
logo
Fairchild Semiconductor
HLMP-1700L FAIRCHILD-HLMP-1700L Datasheet
152Kb / 4P
   LOW CURRENT LED LAMP - Tinted & Diffused
logo
Lucky Light Electronic
GB-333F LUCKY-LIGHT-GB-333F Datasheet
42Kb / 1P
   Round Type With Stand-offs LED Lamps (5mm)
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com