Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

KDS123E Fiches technique(PDF) 1 Page - KEC(Korea Electronics)

No de pièce KDS123E
Description  SILICON EPITAXIAL PLANAR DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEC [KEC(Korea Electronics)]
Site Internet  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KDS123E Fiches technique(HTML) 1 Page - KEC(Korea Electronics)

  KDS123E_15 Datasheet HTML 1Page - KEC(Korea Electronics) KDS123E_15 Datasheet HTML 2Page - KEC(Korea Electronics) KDS123E_15 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2014. 3. 31
1/3
SEMICONDUCTOR
TECHNICAL DATA
KDS123E
SILICON EPITAXIAL PLANAR DIODE
Revision No : 1
ULTRA HIGH SPEED SWITCHING APPLICATION.
FEATURES
Low Forward Voltage
Fast Reverse Recovery Time
Small Total Capacitance
Ultra- Small Surface Mount Package
MAXIMUM RATING (Ta=25
℃)
1. CATHODE 2
2. ANODE 1
3. ANODE 2 / CATHODE 1
3
2
D1
D2
1
DIM
MILLIMETERS
A
B
D
E
ESM
1.60 0.20
0.85 0.10
0.70 0.10
1.60 0.10
0.39 0.10
C
F
1
3
2
E
B
FF
D
J
+
_
+
_
+
_
+
_
0.27 0.10
+
_
+
_
1.00 0.10
0.50
0.13 0.05
G
H
J
+
_
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Maximum (Peak) Reverse Voltage
VRM
80
V
Reverse Voltage
VR
80
V
Maximum (Peak) Forward Current
IFM
300*
mA
Average Forward Current
IO
100*
mA
Surge Current (10mS)
IFSM
2*
A
Power Dissipation
PD
100
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Forward Voltage
VF
IF=100mA
-
-
1.2
V
Reverse Current
IR
VR=80V
-
-
0.1
μA
Total Capacitance
CT
VR=6V, f=1MHz
-
-
3.5
pF
Type Name
Marking
U S
* Unit Rating. Total Rating=Unit Rating
×0.7


Numéro de pièce similaire - KDS123E_15

FabricantNo de pièceFiches techniqueDescription
logo
KEC(Korea Electronics)
KDS123E KEC-KDS123E Datasheet
442Kb / 3P
   SILICON EPITAXIAL PLANAR DIODE
More results

Description similaire - KDS123E_15

FabricantNo de pièceFiches techniqueDescription
logo
Semtech Corporation
1N4148M SEMTECH-1N4148M Datasheet
133Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE?
1N914 SEMTECH-1N914 Datasheet
88Kb / 1P
   SILICON EPITAXIAL PLANAR DIODE
logo
KEC(Korea Electronics)
KDV348E_0911 KEC-KDV348E_0911 Datasheet
46Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDV1480 KEC-KDV1480 Datasheet
75Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
KDZ2.0FV KEC-KDZ2.0FV Datasheet
480Kb / 4P
   SILICON EPITAXIAL PLANAR DIODE
logo
Galaxy Semi-Conductor H...
1SS380_0711 BILIN-1SS380_0711 Datasheet
89Kb / 2P
   Silicon Epitaxial Planar Diode
BAV19WS BILIN-BAV19WS Datasheet
232Kb / 3P
   Silicon Epitaxial Planar Diode
logo
KEC(Korea Electronics)
KDS4148U KEC-KDS4148U Datasheet
82Kb / 2P
   SILICON EPITAXIAL PLANAR DIODE
logo
Guangdong Kexin Industr...
MA2ZV03 KEXIN-MA2ZV03 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
1SV245 KEXIN-1SV245 Datasheet
33Kb / 1P
   Silicon Epitaxial Planar Diode
HSM2694 KEXIN-HSM2694 Datasheet
35Kb / 1P
   Silicon Epitaxial Planar Diode
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com