Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFB812PBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRFB812PBF
Description  ZERO VOLTAGE SWITCHING SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRFB812PBF Fiches technique(HTML) 1 Page - International Rectifier

  IRFB812PBF Datasheet HTML 1Page - International Rectifier IRFB812PBF Datasheet HTML 2Page - International Rectifier IRFB812PBF Datasheet HTML 3Page - International Rectifier IRFB812PBF Datasheet HTML 4Page - International Rectifier IRFB812PBF Datasheet HTML 5Page - International Rectifier IRFB812PBF Datasheet HTML 6Page - International Rectifier IRFB812PBF Datasheet HTML 7Page - International Rectifier IRFB812PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFB812PbF
6/23/11
www.irf.com
1
HEXFET® Power MOSFET
TO-220AB
Features and Benefits
• Fast body diode eliminates the need for external
diodes in ZVS applications.
• Lower Gate charge results in simpler drive requirements.
• Higher Gate voltage threshold offers improved noise
immunity
.
Applications
• Zero Voltage Switching SMPS
• Uninterruptible Power Supplies
• Motor Control applications
PD -97693
VDSS RDS(on) typ. Trr typ. ID
500V
1.75
Ω
75ns
3.6A
S
D
G
Notes
 through † are on page 2
Absolute Maximum Ratings
Parameter
Max.
Units
ID @ TC = 25°C Continuous Drain Current, VGS @ 10V
3.6
ID @ TC = 100°C Continuous Drain Current, VGS @ 10V
2.3
A
IDM
Pulsed Drain Current
™
14.4
PD @TC = 25°C Power Dissipation
78
W
Linear Derating Factor
0.63
W/°C
VGS
Gate-to-Source Voltage
± 20
V
dv/dt
Peak Diode Recovery dv/dt
e
32
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
Mounting torque, 6-32 or M3 screw
Diode Characteristics
Symbol
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
––– –––
3.6
MOSFET symbol
(Body Diode)
A
showing the
ISM
Pulsed Source Current
––– ––– 14.4
integral reverse
(Body Diode)
Ù
p-n junction diode.
VSD
Diode Forward Voltage
––– –––
1.2
V
TJ = 25°C, IS = 3.6A, VGS = 0V f
trr
Reverse Recovery Time
–––
75
110
ns TJ = 25°C, IF = 3.6A
–––
94
140
TJ = 125°C, di/dt = 100A/μs f
Qrr
Reverse Recovery Charge
––– 135 200
nC TJ = 25°C, IS = 3.6A, VGS = 0V f
––– 220 330
TJ = 125°C, di/dt = 100A/μs f
IRRM
Reverse Recovery Current
–––
3.2
4.8
A
TJ = 25°C
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
10lb
xin (1.1Nxm)


Numéro de pièce similaire - IRFB812PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFB812PBF IRF-IRFB812PBF Datasheet
260Kb / 9P
   HEXFETPower MOSFET
More results

Description similaire - IRFB812PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFR812TRPBF IRF-IRFR812TRPBF Datasheet
228Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
IRFR825TRPBF IRF-IRFR825TRPBF Datasheet
216Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
IRFR812PBF IRF-IRFR812PBF_15 Datasheet
228Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
IRFR825PBF IRF-IRFR825PBF_15 Datasheet
216Kb / 9P
   ZERO VOLTAGE SWITCHING SMPS
logo
Kersemi Electronic Co.,...
IRFR825 KERSEMI-IRFR825 Datasheet
950Kb / 9P
   Zero Voltage Switiching SMPS
logo
NXP Semiconductors
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1610P NXP-TEA1610P Datasheet
120Kb / 21P
   Zero-voltage-switching resonant converter controller
Rev. 03-26 March 2007
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com