Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9540NSPBF Fiches technique(PDF) 1 Page - International Rectifier

No de pièce IRF9540NSPBF
Description  Advanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF9540NSPBF Fiches technique(HTML) 1 Page - International Rectifier

  IRF9540NSPBF Datasheet HTML 1Page - International Rectifier IRF9540NSPBF Datasheet HTML 2Page - International Rectifier IRF9540NSPBF Datasheet HTML 3Page - International Rectifier IRF9540NSPBF Datasheet HTML 4Page - International Rectifier IRF9540NSPBF Datasheet HTML 5Page - International Rectifier IRF9540NSPBF Datasheet HTML 6Page - International Rectifier IRF9540NSPBF Datasheet HTML 7Page - International Rectifier IRF9540NSPBF Datasheet HTML 8Page - International Rectifier IRF9540NSPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IRF9540NSPbF
IRF9540NLPbF
HEXFET® Power MOSFET
PD - 96030
VDSS = -100V
RDS(on) = 117mΩ
ID = -23A
l Advanced Process Technology
l Ultra Low On-Resistance
l 150°C Operating Temperature
l Fast Switching
l Repetitive Avalanche Allowed up to Tjmax
l Some Parameters are Different from
IRF9540NS/L
l P-Channel
l Lead-Free
09/30/05
S
D
G
www.irf.com
1
D2Pak
IRF9540NSPbF
TO-262
IRF9540NLPbF
S
G
S
D
G
D
GD
S
Gate
Drain
Source
Description
Features of this design are a 150°C junction
operating temperature, fast switching speed and
improved repetitive avalanche rating . These fea-
tures combine to make this design an extremely
efficient and reliable device for use in a wide
variety of other applications.
D
D
Absolute Maximum Ratings
Parameter
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ -10V
A
ID @ TC = 100°C Continuous Drain Current, VGS @ -10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Maximum Power Dissipation
W
PD @TC = 25°C
Maximum Power Dissipation
Linear Derating Factor
W/°C
VGS
Gate-to-Source Voltage
V
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
c
A
EAR
Repetitive Avalanche Energy
c
mJ
dv/dt
Peak Diode Recovery dv/dt
e
V/ns
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.1
°C/W
RθJA
Junction-to-Ambient (PCB Mount, steady state)
g
–––
40
110
0.9
± 20
11
84
-14
300 (1.6mm from case )
-55 to + 150
-13
Max.
-23
-14
-92
3.1


Numéro de pièce similaire - IRF9540NSPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9540NSPBF IRF-IRF9540NSPBF Datasheet
331Kb / 11P
   HEXFET POWER MOSFET (VDSS = -100V , RDS(on) = 117m廓 , ID = -23A )
More results

Description similaire - IRF9540NSPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
IRFR48Z KERSEMI-IRFR48Z_15 Datasheet
1Mb / 12P
   Advanced Process Technology
IRLR2905Z KERSEMI-IRLR2905Z Datasheet
1Mb / 11P
   Advanced Process Technology
IRFZ24N KERSEMI-IRFZ24N Datasheet
741Kb / 8P
   Advanced Process Technology
IRFZ44N KERSEMI-IRFZ44N Datasheet
700Kb / 8P
   Advanced Process Technology
logo
International Rectifier
IRF1104SPBF IRF-IRF1104SPBF_15 Datasheet
272Kb / 11P
   Advanced Process Technology
IRF1405SPBF IRF-IRF1405SPBF_15 Datasheet
313Kb / 11P
   Advanced Process Technology
IRF2204PBF IRF-IRF2204PBF_15 Datasheet
263Kb / 9P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com