Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9410PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF9410PBF
Description  GENERATION V TECHNOLOGY
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF9410PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF9410PBF_15 Datasheet HTML 1Page - International Rectifier IRF9410PBF_15 Datasheet HTML 2Page - International Rectifier IRF9410PBF_15 Datasheet HTML 3Page - International Rectifier IRF9410PBF_15 Datasheet HTML 4Page - International Rectifier IRF9410PBF_15 Datasheet HTML 5Page - International Rectifier IRF9410PBF_15 Datasheet HTML 6Page - International Rectifier IRF9410PBF_15 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRF9410PbF
2
www.irf.com
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
30
––– –––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.024 ––– V/°C Reference to 25°C, ID = 1mA
––– 0.024 0.030
VGS = 10V, ID = 7.0A „
––– 0.032 0.040
VGS = 5.0V, ID = 4.0A „
––– 0.037 0.050
VGS = 4.5V, ID = 3.5A „
VGS(th)
Gate Threshold Voltage
1.0
––– –––
V
VDS = VGS, ID = 250µA
gfs
Forward Transconductance
–––
14
–––
S
VDS = 15V, ID = 7.0A
–––
––– 2.0
µA
VDS = 24V, VGS = 0V
–––
–––
25
VDS = 24V, VGS = 0V, TJ = 55°C
Gate-to-Source Forward Leakage
–––
––– 100
nA
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -100
VGS = -20V
Qg
Total Gate Charge
–––
18
27
ID = 2.0A
Qgs
Gate-to-Source Charge
–––
2.4
3.6
nC
VDS = 15V
Qgd
Gate-to-Drain ("Miller") Charge
–––
4.9
7.4
VGS = 10V, See Fig. 10 „
td(on)
Turn-On Delay Time
–––
7.3
15
VDD = 25V
tr
Rise Time
–––
8.3
17
ns
ID = 1.0A
td(off)
Turn-Off Delay Time
–––
23
46
RG = 6.0Ω, VGS = 10V
tf
Fall Time
–––
17
34
RD = 25Ω „
Ciss
Input Capacitance
–––
550 –––
VGS = 0V
Coss
Output Capacitance
–––
260 –––
pF
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
100 –––
ƒ = 1.0MHz, See Fig. 9
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode) 
p-n junction diode.
VSD
Diode Forward Voltage
––– 0.78 1.0
V
TJ = 25°C, IS = 2.0A, VGS = 0V ƒ
trr
Reverse Recovery Time
–––
40
80
ns
TJ = 25°C, IF = 2.0A
Qrr
Reverse RecoveryCharge
–––
63
130
nC
di/dt = 100A/µs ƒ
Source-Drain Ratings and Characteristics
––– –––
––– –––
37
2.8
A
S
D
G
… Surface mounted on FR-4 board, t ≤ 10sec.
 Repetitive rating; pulse width limited by
max. junction temperature. ( See fig. 11 )
ƒ I
SD ≤ 4.6A, di/dt ≤ 120A/µs, V
DD ≤ V(BR)DSS,
TJ ≤ 150°C
Notes:
‚ Starting TJ = 25°C, L = 6.6mH
RG = 25Ω, IAS = 4.6A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
IGSS
IDSS
Drain-to-Source Leakage Current
RDS(on)
Static Drain-to-Source On-Resistance


Numéro de pièce similaire - IRF9410PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9410PBF IRF-IRF9410PBF Datasheet
170Kb / 7P
   HEXFET짰 Power MOSFET
More results

Description similaire - IRF9410PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7313TRPBF IRF-IRF7313TRPBF Datasheet
210Kb / 7P
   Generation V Technology
IRF7389TRPBF IRF-IRF7389TRPBF Datasheet
264Kb / 10P
   Generation V Technology
IRF7309TRPBF IRF-IRF7309TRPBF Datasheet
2Mb / 11P
   GENERATION V TECHNOLOGY
IRF7304TR IRF-IRF7304TR Datasheet
115Kb / 9P
   Generation V Technology
IRF7501TRPBF IRF-IRF7501TRPBF Datasheet
184Kb / 9P
   Generation V Technology
IRF7403TRPBF IRF-IRF7403TRPBF Datasheet
119Kb / 9P
   Generation V Technology
IRF7406TRPBF IRF-IRF7406TRPBF Datasheet
240Kb / 9P
   Generation V Technology
IRLML6302TR IRF-IRLML6302TR Datasheet
285Kb / 8P
   generation v technology
IRF7343TRPBF IRF-IRF7343TRPBF Datasheet
225Kb / 10P
   generation v technology
IRF7306TR IRF-IRF7306TR Datasheet
116Kb / 9P
   Generation V Technology
IRF7389PBF IRF-IRF7389PBF_15 Datasheet
264Kb / 10P
   GENERATION V TECHNOLOGY
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com