Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9383MPBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF9383MPBF
Description  Isolation Switch for Input Power or Battery Application
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF9383MPBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF9383MPBF Datasheet HTML 1Page - International Rectifier IRF9383MPBF Datasheet HTML 2Page - International Rectifier IRF9383MPBF Datasheet HTML 3Page - International Rectifier IRF9383MPBF Datasheet HTML 4Page - International Rectifier IRF9383MPBF Datasheet HTML 5Page - International Rectifier IRF9383MPBF Datasheet HTML 6Page - International Rectifier IRF9383MPBF Datasheet HTML 7Page - International Rectifier IRF9383MPBF Datasheet HTML 8Page - International Rectifier IRF9383MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 2, 2015
2
IRF9383MPbF
† Pulse width ≤ 400μs; duty cycle ≤ 2%.
Notes:
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
––– 0.0159 –––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
2.3
2.9
–––
3.8
4.8
VGS(th)
Gate Threshold Voltage
-1.3
-1.8
-2.4
V
ΔVGS(th)/ΔTJ
Gate Threshold Voltage Coefficient
–––
-5.9
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
gfs
Forward Transconductance
56
–––
–––
S
Qg
Total Gate Charge
–––
130
–––
Qg
Total Gate Charge
–––
67
–––
Qgs1
Pre- Vth Gate-to-Source Charge
–––
12
–––
VDS = -15V
Qgs2
Post -Vth Gate-to-Source Charge
–––
9.4
–––
VGS = -4.5V
Qgd
Gate-to-Drain Charge
–––
29
–––
ID = -18A
Qgodr
Gate Charge Overdrive
–––
16.6
–––
See Fig.15
Qsw
Switch charge (Qgs2 + Qgd)
–––
38.4
–––
Qoss
Output Charge
–––
59
–––
nC
RG
Gate Resistance
–––
6.5
–––
Ω
td(on)
Turn-On Delay Time
–––
29
–––
tr
Rise Time
–––
160
–––
td(off)
Turn-Off Delay Time
–––
115
–––
tf
Fall Time
–––
110
–––
Ciss
Input Capacitance
–––
7305
–––
Coss
Output Capacitance
–––
1780
–––
Crss
Reverse Transfer Capacitance
–––
1030
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
g
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
52
78
ns
Qrr
Reverse Recovery Charge
–––
315
470
nC
ns
pF
A
–––
–––
–––
–––
-114
-180
μA
m
Ω
nA
nC
di/dt = 500A/μs
h
TJ = 25°C, IS = -18A, VGS = 0V h
showing the
integral reverse
p-n junction diode.
VGS = -4.5V, ID = -18A h
TJ = 25°C, IF = -18A, ,VDD = -15V
VGS = 0V
VDS = -15V
ID = -18A
VDD = -15V, VGS = -4.5VÃh
VDS = VGS, ID = -150μA
VDS = -24V, VGS = 0V
VGS = -20V
VGS = 20V
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1.0mA
VGS = -10V, ID = -22A h
VDS = -24V, VGS = 0V
VDS = -24V, VGS = 0V, TJ = 125°C
MOSFET symbol
RG = 1.8Ω
VDS = -10V, ID = -18A
Conditions
See Fig.17
ƒ = 1.0KHz
VDS = -15V, VGS = -10V, ID = -18A
G
D
S


Numéro de pièce similaire - IRF9383MPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MTRPBF IRF-IRF9383MTRPBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
More results

Description similaire - IRF9383MPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9395MPBF IRF-IRF9395MPBF Datasheet
298Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9395MPBF IRF-IRF9395MPBF_15 Datasheet
254Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRF9383MTR1PBF IRF-IRF9383MTR1PBF Datasheet
265Kb / 9P
   Isolation Switch for Input Power or Battery Application
IRL6283MTRPBF IRF-IRL6283MTRPBF Datasheet
508Kb / 9P
   Load switch for battery application
IRL6297SDPBF IRF-IRL6297SDPBF_15 Datasheet
266Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFH6200TRPBF IRF-IRFH6200TRPBF Datasheet
212Kb / 8P
   Charge and discharge switch for battery application
IRLHS2242PBF IRF-IRLHS2242PBF_15 Datasheet
270Kb / 9P
   Charge and Discharge Switch for Battery Application
IRFHM8337PBF IRF-IRFHM8337PBF Datasheet
520Kb / 9P
   Charge or discharge switch for battery protection
logo
Infineon Technologies A...
IRFHM8337TRPBF INFINEON-IRFHM8337TRPBF Datasheet
608Kb / 11P
   Charge or discharge switch for battery protection
2016-2-23
IRFHM9391TRPBF INFINEON-IRFHM9391TRPBF Datasheet
515Kb / 10P
   Charge or discharge switch for battery protection
2016-2-23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com