Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF9358PBF Fiches technique(PDF) 2 Page - International Rectifier

No de pièce IRF9358PBF
Description  Industry-Standard SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF9358PBF Fiches technique(HTML) 2 Page - International Rectifier

  IRF9358PBF_15 Datasheet HTML 1Page - International Rectifier IRF9358PBF_15 Datasheet HTML 2Page - International Rectifier IRF9358PBF_15 Datasheet HTML 3Page - International Rectifier IRF9358PBF_15 Datasheet HTML 4Page - International Rectifier IRF9358PBF_15 Datasheet HTML 5Page - International Rectifier IRF9358PBF_15 Datasheet HTML 6Page - International Rectifier IRF9358PBF_15 Datasheet HTML 7Page - International Rectifier IRF9358PBF_15 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF9358PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 4.6mH, RG = 25Ω, IAS = -6.4A.
ƒ Pulse width ≤ 400μs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
G
D
S
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
ΔΒVDSS/ΔTJ
Breakdown Voltage Temp. Coefficient
–––
0.02
–––
V/°C
RDS(on)
–––
13.0
16.3
–––
19.0
23.8
VGS(th)
Gate Threshold Voltage
-1.3
-1.8
-2.4
V
ΔVGS(th)
Gate Threshold Voltage Coefficient
–––
-5.9
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
gfs
Forward Transconductance
23
–––
–––
S
Qg
Total Gate Charge
h
–––
19
–––
nC
VDS = -15V, VGS = -4.5V, ID = - 7.3A
Qg
Total Gate Charge
h
–––
38
–––
Qgs
Gate-to-Source Charge
h
–––
5.8
–––
Qgd
Gate-to-Drain Charge
h
–––
8.9
–––
RG
Gate Resistance
h
–––
15
–––
Ω
td(on)
Turn-On Delay Time
–––
5.7
–––
tr
Rise Time
–––
7.2
–––
td(off)
Turn-Off Delay Time
–––
146
–––
tf
Fall Time
–––
69
–––
Ciss
Input Capacitance
–––
1740
–––
Coss
Output Capacitance
–––
360
–––
Crss
Reverse Transfer Capacitance
–––
240
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
55
83
ns
Qrr
Reverse Recovery Charge
–––
35
53
nC
Thermal Resistance
Parameter
Units
RθJL
Junction-to-Drain Lead
g
RθJA
Junction-to-Ambient
f
Conditions
See Figs. 19a &19b
Max.
210
-7.3
ƒ = 1.0MHz
VGS = 0V
VDS = -25V
VDS = -24V, VGS = 0V
Conditions
VGS = 0V, ID = -250μA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -9.2A e
VDS = VGS, ID = -25μA
VGS = -4.5V, ID = -7.3A e
m
Ω
μA
TJ = 25°C, IF = -2.0A, VDD = -24V
di/dt = 100A/μs
e
TJ = 25°C, IS = -2.0A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
ID = -7.3A
RG = 6.8
Ω
VDS = -10V, ID = -7.3A
VDS = -24V, VGS = 0V, TJ = 125°C
VDD = -15V, VGS = -4.5V e
ID = -1.0A
VDS = -15V
VGS = -20V
VGS = 20V
VGS = -10V
ns
pF
–––
Typ.
–––
Static Drain-to-Source On-Resistance
A
–––
–––
–––
–––
-2.0
-73
nA
nC
°C/W
Max.
20
62.5
Typ.
–––
–––


Numéro de pièce similaire - IRF9358PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF9358PBF IRF-IRF9358PBF Datasheet
280Kb / 8P
   Charge and Discharge Switch for Notebook PC Battery Application
More results

Description similaire - IRF9358PBF_15

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRL6372PBF IRF-IRL6372PBF_15 Datasheet
278Kb / 8P
   Industry-Standard SO-8 Package
IRF9362PBF IRF-IRF9362PBF_15 Datasheet
292Kb / 8P
   Industry-Standard SO-8 Package
IRF9332PBF IRF-IRF9332PBF_15 Datasheet
289Kb / 8P
   Industry-Standard SO-8 Package
IRF9321PBF IRF-IRF9321PBF_15 Datasheet
275Kb / 8P
   Industry-Standard SO-8 Package
IRF9335PBF IRF-IRF9335PBF_15 Datasheet
274Kb / 8P
   Industry-Standard SO-8 Package
IRF7413PBF-1 IRF-IRF7413PBF-1_15 Datasheet
233Kb / 9P
   Industry-standard pinout SO-8 Package
IRF8736PBF-1 IRF-IRF8736PBF-1_15 Datasheet
229Kb / 9P
   Industry-standard pinout SO-8 Package
IRF7821PBF-1 IRF-IRF7821PBF-1_15 Datasheet
260Kb / 10P
   Industry-standard pinout SO-8 Package
IRF7324PBF-1 IRF-IRF7324PBF-1_15 Datasheet
191Kb / 8P
   Industry-standard pinout SO-8 Package
IRF7342PBF-1 IRF-IRF7342PBF-1_15 Datasheet
184Kb / 7P
   Industry-standard pinout SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com