Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF8304MPBF Fiches technique(PDF) 8 Page - International Rectifier

No de pièce IRF8304MPBF
Description  Ultra Low Package Inductance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF8304MPBF Fiches technique(HTML) 8 Page - International Rectifier

  IRF8304MPBF Datasheet HTML 1Page - International Rectifier IRF8304MPBF Datasheet HTML 2Page - International Rectifier IRF8304MPBF Datasheet HTML 3Page - International Rectifier IRF8304MPBF Datasheet HTML 4Page - International Rectifier IRF8304MPBF Datasheet HTML 5Page - International Rectifier IRF8304MPBF Datasheet HTML 6Page - International Rectifier IRF8304MPBF Datasheet HTML 7Page - International Rectifier IRF8304MPBF Datasheet HTML 8Page - International Rectifier IRF8304MPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
IRF8304MPbF
www.irf.com © 2014 International Rectifier
Submit Datasheet Feedback
February 17, 2014
8
DirectFET® Part Marking
DirectFET® Outline Dimension, MX Outline
(Medium Size Can, X-Designation).
Please see DirectFET application note AN-1035 for all details regarding the assembly of DirectFET. This includes
all recommendations for stencil and substrate designs.
CODE
A
B
C
D
E
F
G
H
J
K
L
M
P
0.017
0.028
0.007
0.040
0.095
0.156
0.028
0.018
0.028
MAX
0.250
0.38
0.59
0.08
0.88
2.28
3.85
0.68
0.35
0.68
MIN
6.25
4.80
0.42
0.70
0.17
1.02
2.42
3.95
0.72
0.45
0.72
MAX
6.35
5.05
0.015
0.023
0.003
0.090
0.035
0.152
0.027
0.027
0.014
MIN
0.189
0.246
METRIC
IMPERIAL
DIMENSIONS
1.38
1.42
0.80
0.84
0.056
0.054
0.033
0.031
R
0.03
0.08
0.001
0.003
Dimensions are shown in
millimeters (inches)
0.199
GATE MARKING
PART NUMBER
LOGO
BATCH NUMBER
DATE CODE
Line above the last character of
the date code indicates "Lead-Free"
Note: For the most current drawing please refer to IR website at http://www.irf.com/package/


Numéro de pièce similaire - IRF8304MPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF8304MPBF IRF-IRF8304MPBF Datasheet
279Kb / 9P
   RoHS Compliant and Halogen Free
More results

Description similaire - IRF8304MPBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF6718L2PBF IRF-IRF6718L2PBF Datasheet
236Kb / 10P
   Ultra Low Package Inductance
IRF8327SPBF IRF-IRF8327SPBF_15 Datasheet
264Kb / 10P
   Ultra Low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF6710S2PBF IRF-IRF6710S2PBF Datasheet
307Kb / 10P
   Ultra Low Package Inductance
logo
TDK Electronics
CLLE1AX7S0G225M-0.95 TDK-CLLE1AX7S0G225M-0.95 Datasheet
936Kb / 13P
   Ultra Low Inductance Capacitors
logo
International Rectifier
IRF6636 IRF-IRF6636 Datasheet
238Kb / 9P
   Low Resistance and Low Charge Along With Ultra Low Package Inductance to Reduce
logo
Cree, Inc
CAS325M12HM2 CREE-CAS325M12HM2 Datasheet
1Mb / 7P
   Ultra Low Loss, Low (5 nH) Inductance
logo
M/A-COM Technology Solu...
MADS-002545-1307 MA-COM-MADS-002545-1307_15 Datasheet
608Kb / 4P
   Ultra Low Parasitic Capacitance and Inductance
logo
Vincotech
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
   Ultra Low Inductance with integrated DC-capacitors
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
   Ultra Low Inductance with Integrated DC-capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com