Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRF7905PBF Fiches technique(PDF) 6 Page - International Rectifier

No de pièce IRF7905PBF
Description  Improved Body Diode Reverse Recovery
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

IRF7905PBF Fiches technique(HTML) 6 Page - International Rectifier

Back Button IRF7905PBF Datasheet HTML 2Page - International Rectifier IRF7905PBF Datasheet HTML 3Page - International Rectifier IRF7905PBF Datasheet HTML 4Page - International Rectifier IRF7905PBF Datasheet HTML 5Page - International Rectifier IRF7905PBF Datasheet HTML 6Page - International Rectifier IRF7905PBF Datasheet HTML 7Page - International Rectifier IRF7905PBF Datasheet HTML 8Page - International Rectifier IRF7905PBF Datasheet HTML 9Page - International Rectifier IRF7905PBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF7905PbF
6
www.irf.com
Q1 - Control FET
Q2 - Synchronous FET
Typical Characteristics
Fig 19. Maximum Drain Current vs. Ambient Temp.
Fig 20. Maximum Drain Current vs. Ambient Temp.
Fig 21. Threshold Voltage vs. Temperature
Fig 22. Threshold Voltage vs. Temperature
Fig 23. Maximum Avalanche Energy vs. Drain Current
Fig 24. Maximum Avalanche Energy vs. Drain Current
25
50
75
100
125
150
TJ, Ambient Temperature (°C)
0
2
4
6
8
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
10
20
30
40
50
I D
TOP
3.0A
3.5A
BOTTOM
6.2A
25
50
75
100
125
150
TJ, Ambient Temperature (°C)
0
2
4
6
8
10
-75
-50
-25
0
25
50
75
100 125 150
TJ, Temperature ( °C )
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
ID = 250µA
-75
-50
-25
0
25
50
75
100 125 150
TJ, Temperature ( °C )
1.2
1.4
1.6
1.8
2.0
2.2
ID = 250µA
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
20
40
60
80
I D
TOP
3.2A
3.7A
BOTTOM
7.1A


Numéro de pièce similaire - IRF7905PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7905PBF IRF-IRF7905PBF Datasheet
263Kb / 10P
   HEXFET Power MOSFET
IRF7905PBF IRF-IRF7905PBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
IRF7905PBF IRF-IRF7905PBF Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL
IRF7905PBF IRF-IRF7905PBF_08 Datasheet
328Kb / 10P
   Dual SO-8 MOSFET for POL Converters in Notebook Computers
More results

Description similaire - IRF7905PBF

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRF7902PBF IRF-IRF7902PBF_15 Datasheet
266Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7904PBF IRF-IRF7904PBF_15 Datasheet
261Kb / 10P
   Improved Body Diode Reverse Recovery
IRF7907PBF IRF-IRF7907PBF_15 Datasheet
325Kb / 10P
   Improved Body Diode Reverse Recovery
logo
STMicroelectronics
STB18N60DM2 STMICROELECTRONICS-STB18N60DM2 Datasheet
897Kb / 15P
   Fast-recovery body diode
STD12N50DM2 STMICROELECTRONICS-STD12N50DM2 Datasheet
817Kb / 16P
   Fast-recovery body diode
March 2016 Rev 2
STB45N60DM2AG STMICROELECTRONICS-STB45N60DM2AG Datasheet
546Kb / 15P
   Fast-recovery body diode
STD13N60DM2 STMICROELECTRONICS-STD13N60DM2 Datasheet
839Kb / 16P
   Fast-recovery body diode
December 2016 Rev 2
STL19N60DM2 STMICROELECTRONICS-STL19N60DM2 Datasheet
677Kb / 13P
   Fast-recovery body diode
August 2014 Rev 1
STF12N50DM2 STMICROELECTRONICS-STF12N50DM2 Datasheet
709Kb / 13P
   Fast-recovery body diode
March 2016 Rev 2
logo
Pan Jit International I...
PSDH3060CCS1 PANJIT-PSDH3060CCS1 Datasheet
1Mb / 5P
   Speedy Diode - Short Reverse Recovery Time, Fast Recovery Diode
March 2,2021 PSDH3060CCS1-REV.00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com