Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D4BFP-80 Datasheet(Fiches technique) 26 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D4BFP-80 Datasheet(HTML) 26 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
26
M32000D4BFP-80
(master)
ROM
ASIC
PP0
M/S
M/S
HREQ
INT
M32000D4BFP-80
(slave)
HACK
HREQ
HACK
bus
arbiter
INT
Master/slave mode
_
The M32000D4BFP-80 has an M/S (master/slave) pin for multipro-
cessor configuration use.
_
• master mode (M/S = "H")
_
This is normal operation mode. Set the M/S pin to an "H" level. It is
used when the M32000D4BFP-80 is used as the main CPU in a
system.
_
• slave mode (M/S = "L")
This operation mode is for when the M32000D4BFP-80 is used as a
_
coprocessor. Set the M/S pin to an "L" level. When set to slave mode,
the M32000D4BFP-80 does not start operation even after a reset,
until an interrupt request or the SBI is input. Processing is carried out
by communicating with the master M32000D4BFP-80, using the two
programmable I/O ports and the external interrupt signal.
D24
D25
D26
D27
D28
D29
D30
D31
LM
lock control register (MLCR) < address: H'FFFF FFF7>
Fig. 26 Lock control register
______
0: HREQ
exclusive
lock mode
___
1: CS exclusive
lock mode
R = 0 ... "0" when reading
R =
... read enabled
W =
... write enabled
W =
: write disabled
<at reset: H'00>
D
bit name
function
R
W
24 - 30
Not
0
!
assigned.
31
LM
(lock mode)
• Coprocessor only configuration example
The slave M32000D4BFP-80 accesses only the internal DRAM and
_
_____
never the external bus. M/S and HREQ are fixed at the "L" level. The
slave M32000D4BFP-80 executes the instructions that the master
M32000D4BFP-80 downloads to the internal DRAM. The data trans-
fer request (processing complete) from the slave M32000D4BFP-80
is notified to the master M32000D4BFP-80 by inputting the interrupt
request via the programmable I/O port. The data transaction is car-
ried out when the master M32000D4BFP-80 accesses the internal
DRAM in the slave M32000D4BFP-80.
• Common bus coprocessor configuration example
In this configuration, the slave M32000D4BFP-80 can also access
the external bus. Communications between the master and slave
CPUs is carried out using the programmable I/O ports and the inter-
rupt request input.
<coprocessor only configuration>
<common bus coprocessor configuration>
Fig. 27 Master/slave system configuration example
M32000D4BFP-80
(master)
ROM
ASIC
INT
PP0
M/S
M/S
HREQ
INT
M32000D4BFP-80
(slave)
no access to
external bus
!


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B4XMXHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B57MCSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B79MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C2XMXSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C34M6ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C89MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn