Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D4BFP-80 Datasheet(Fiches technique) 25 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D4BFP-80 Datasheet(HTML) 25 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
25
("L" output)
("L" output)
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
V
CLKIN
HREQ
BCH, BCL
D0 - D15
DC
R/W
hold shift
hold
return
HACK
A8 - A30
CS
write
write
write
write
Note: "Hi-Z" means high impedance, and
indicates sampling timing.
The value of the R/W signal that controls the data direction of the bus interface
cannot be changed during CS="L". Hold this value while CS="L".
Also, where marked above with V, 3 to 7 CLKIN clock periods are necessary for writing
operation to internal DRAM crossing an 128-bit boundary. Hold the input value of the
address or other control signals during these wait cycle periods (DC = "H"). Consecutive
writing operations within an 128-bit boundary are completed in 1 CLKIN clock period.
During these wait cycle period, CS cannot be returned to "H" level (the access
cannot be aborted). CS can only be returned to a "H" level after DC is driven to "L".
When the M32000D4BFP-80 is in the hold state and an "L" level is
__
input to CS, the M32000D4BFP-80 interprets it as a bus access re-
__
quest to the internal DRAM. In this case, when the R/W signal is at
an "L" level, the memory controller drives a write cycle to the internal
____
___
DRAM. Byte data control is specified by the BCH and BCL signals.
____
Only data in the byte positions for which an "L" level is input to BCH
___
__
or BCL are written. When writing is complete, an "L" level DC signal
is output. The M32000D4BFP-80 stores the requested data in the
128-bit data buffer of the BIU, before writing to the internal DRAM.
This reduces the number of accesses to the internal DRAM when a
request to writing to consecutive addresses is made, and improves
bus cycle throughput. Consecutive write cycles within an 128-bit
boundary are completed in 1 CLKIN clock period. 3 to 7 CLKIN clock
periods are necessary for a write access crossing an 128-bit bound-
ary when writing to the internal DRAM. Once the external bus master
write cycle has been driven, it cannot be aborted. When an "L" level
__
is input to CS and an access has started, the values of this and other
__
control signals should be held during the wait cycles (that is while DC
__
__
= "H"). After DC outputs an "L" level (access complete), return CS to
the "H" level between the CLKIN falling edge corresponding to the
______
last write cycle and the following CLKIN falling edge. Return HREQ
to the "H" level to return the M32000D4BFP-80 to the normal opera-
__
tion mode from the hold state either at the same time as or after CS
is returned to the "H" level.
When the external bus master makes an access, the value of the
__
R/W signal that controls the data direction of the bus interface can-
__
not be changed during CS="L". Therefore, read cycles and write cycles
__
cannot be mixed while CS = "L". When starting a write cycle follow-
ing after a read cycle and starting a read cycle following a write cycle,
__
keep the CS signal at an "H" level for at least 1 CLKIN.
Fig. 24 Write bus cycle to internal DRAM
Fig. 25 Read/write bus cycle to internal DRAM
CLKIN
HREQ
BCH, BCL
D0 - D15
DC
R/W
hold shift
hold
return
HACK
A8 - A30
CS
("L" output)
read
CS = "H"
write
("L" output)
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
V
"Hi-Z"
"Hi-Z"
Note: "Hi-Z" means high-impedance, and
indicates sampling timing.
Also, where marked above with V, keep CS signal to "H" at least 1 CLKIN when
starting a write bus cycle after a read bus cycle or a read bus cycle after a write
bus cycle.
"Hi-Z"


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B4XMXHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B57MCSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B79MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C2XMXSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C34M6ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C89MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn