Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D4BFP-80 Datasheet(Fiches technique) 24 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D4BFP-80 Datasheet(HTML) 24 Page - Mitsubishi Electric Semiconductor

Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
24
When the M32000D4BFP-80 is in the hold state and an "L" level is
__
input to CS, the M32000D4BFP-80 interprets it as a bus access re-
__
quest to the internal DRAM. In this case, when the R/W signal is an
"H" level, the memory controller drives a read cycle to the internal
DRAM. In the read cycle, the 16-bit data for the address specified
____
with A8 to A30, is output from D0 to D15 regardless of the BCH and
___
__
BCL settings. Also the DC signal is output.
The M32000D4BFP-80 reads 128 bits of data from the block on the
128-bit boundary including the requested address into the 128-bit
buffer of the bus interface unit. 3 to 7 CLKIN clock periods are neces-
sary for the first bus access, however, when reading consecutive
address within the 128-bit boundary, the subsequent read bus cycles
are completed in 1 CLKIN clock period because a read from the in-
ternal DRAM does not take place.
Once the external bus master read cycle has been driven, it cannot
__
be aborted. When an "L" level is input to CS and an access has
started, the values of this and other control signals should be held
__
__
during the wait cycles (that is while DC = "H"). After DC outputs an
__
"L" level (access complete), return CS to the "H" level between the
CLKIN falling edge corresponding to the last read cycle and the fol-
______
lowing CLKIN falling edge. Return HREQ to the "H" level to return
the M32000D4BFP-80 to the normal operation mode from the hold
__
state either at the same time as or after CS is returned to the "H"
level.
Fig. 23 Read bus cycle to internal DRAM
("L" output)
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
"Hi-Z"
V
HREQ
BCH, BCL
D0 - D15
DC
R/W
hold shift
hold
return
HACK
A8 - A30
CS
read
read
read
read
Note: "Hi-Z" means high impedance, and
indicates sampling timing.
CLKIN
The value of the R/W signal that controls the data direction of the bus interface
cannot be changed during CS="L". Hold this value while CS="L".
Also, where marked above with V, 3 to 7 CLKIN clock periods are necessary for
the first read operation (also when reading crosses an 128-bit boundary) when
reading from the internal DRAM. Hold the input value of the address or other control
signals during these wait cycle periods (DC = "H"). Consecutive read operations
within an 128-bit boundary are completed in 1 CLKIN clock period.
During these wait cycle period, CS cannot be returned to an "H" level (the access
cannot be aborted). CS can only be returned to an "H" level after DC is driven to "L".


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B4XMXHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B57MCSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B79MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C2XMXSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C34M6ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C89MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn