Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D4BFP-80 Datasheet(Fiches technique) 17 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32000D4BFP-80 Datasheet(HTML) 17 Page - Mitsubishi Electric Semiconductor

Back Button M32000D4BFP-80 Datenblatt HTML 13Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 14Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 15Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 16Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 17Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 18Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 19Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 20Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 21Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
17
Internal memory system
The memory system built into the M32000D4BFP-80 has the follow-
ing characteristics.
• internal 16M-bit (2M-byte) DRAM
• internal 4K-byte cache memory
• CPU, cache and internal DRAM are connected by a 128-bit bus
• selectable cache memory operation mode
– internal instruction/data cache mode
– instruction cache mode
– cache-off mode
When the internal instruction/data cache mode is selected, the cache
memory functions as a cache for both instruction and data from the
internal DRAM, and caches all bus access to the DRAM. This mode
is for a system which uses the internal DRAM as main memory. Trans-
fer between the M32R CPU, cache memory and internal DRAM is
always carried out in blocks of 128 bits. Caching is carried out by the
direct map method. Writing is by the copy back method.
When the M32000D4BFP-80 access destination is an external space,
data transfer between the M32R CPU and the external device is car-
ried out via the bus interface unit (BIU). The BIU has a 128-bit data
buffer which converts the bus width between the 128-bit bus in the
M32000D4BFP-80 and the external bus. Caching is not applicable in
this case of data transfer.
When accessing the internal DRAM from an external bus master,
and a cache hit occurs (the accessed data is inside the cache), data
transfer between the cache memory and the external bus via the BIU
is carried out. When a cache miss occurs, (the accessed data is not
inside the cache) data transfer is carried out between the internal
DRAM and the external bus via the BIU without cache replacement.
cache control register (MCCR) < address: H'FFFF FFFF>
D24
D25
D26
D27
D28
D29
D30
D31
CP
CM0
CM1
<at reset: H'01>
D
bit name
function
R
W
24
CP
0: no purge
0
(cache purge)
1: purge
25 - 29
Not assigned.
0
!
30, 31
CM0, CM1
00: cache mode
(cache mode)
is not changed
01: cache-off mode
10: internal
instruction/data
cache mode
11: instruction cache
mode
R = 0 ... "0" when reading
R =
... read enabled
W =
... write enabled
W =
: write disabled
Fig. 12 Cache control register
Fig. 13 Internal instruction/data cache mode
128
external bus
(16 bits)
16
external bus
interface
M32000D4BFP-80
128
128
instruction/
data cache
DRAM
BIU
CPU
!


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B4XMXHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B57MCSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B79MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C2XMXSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C34M6ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C89MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn