Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D4BFP-80 Datasheet(Fiches technique) 42 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo 

M32000D4BFP-80 Datasheet(HTML) 42 Page - Mitsubishi Electric Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
42
Fig. 42 External bus master read/write timing
CLKIN
(input)
(input)
0.5 VCC
(input)
(output)
D0 to D15
D0 to D15
(input)
th(CLKINL-D)
HREQ
R/W
40
52
53
54
55
(output)
tsu(HREQ-CLKIN)
HACK
41
43 td(CLKIN-HACKL)
45
(input)
CS
48 tsu(CS-CLKIN)
49 th(CLKIN-CS)
td(CLKIN-DV)
td(CLKIN-DZX)
50 tsu(A-CLKIN)
51 th(CLKIN-A)
(output)
DC
60 td(CLKIN-DCL)
59 td(CLKIN-DCHX)
42 td(CLKIN-HACKHX)
44
58 td(CS-DCZX)
td(CLKIN-HACKH)
td(CLKIN-HACKLX)
th(CLKIN-HREQ)
50
51
(input)
A8 to A30
BCH, BCL
50
51
50
51
48
49
tsu(D-CLKINL)
48
49
td(CLKIN-DXZ)
td(CLKIN-DVX)
56
57
td(CLKIN-DCLX)
td(CLKIN-DCXZ)
58
60
59
62
61
62
61
*1 All switching characteristics and timing requirements based on the falling edge of CLKIN are calculated according to
the internal CLKIN (duty ratio is 50%) . When designing external peripheral circuits, the correction for the duty cycle of
the actual CLKIN is necessary.
• minimum value of tsu(CS-CLKIN) = (value in table) + (correction value) = 5 + (50 x 5/100) = 7.5 [ns]
• minimum value of th(CLKIN-CS) = (value in table) + (correction value) = 2 + (50 x 5/100) = 4.5 [ns]
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
*1
[example]
CS signal transition ("L" –> "H") when inputting 20 MHz clock whose duty ratio is 45 - 55% (
± 5%) to CLKIN:


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B4XMXHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B57MCSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B79MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C2XMXSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C34M6ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C89MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn