Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M32000D4BFP-80 Fiches technique(PDF) 41 Page - Mitsubishi Electric Semiconductor

No de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER????
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32000D4BFP-80 Fiches technique(HTML) 41 Page - Mitsubishi Electric Semiconductor

Back Button M32000D4BFP-80 Datasheet HTML 36Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 37Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 39Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 40Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 41Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 42Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 43Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 44Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
41
Fig. 41 Bus arbitration timing
CLKIN
HREQ
HACK
A8 to A30, SID, ST,
BS, BCH, BCL,
R/W, BURST
(output)
(input)
(input)
(output)
*1 The HREQ signal can be input asynchronously.
*2 All switching characteristics and timing requirements based on the falling edge of CLKIN are calculated according to
the internal CLKIN (duty ratio is 50%) . When designing external peripheral circuits, the correction for the duty cycle of
the actual CLKIN is necessary.
• minimum value of td(CLKIN-HACKHX) = (value in table) – (correction value) = 0 – (50 x 5/100) = –2.5 [ns]
• maximum value of td(CLKIN-HACKL) = (value in table) + (correction value) = 8 + (50 x 5/100) = 10.5 [ns]
[example]
HACK signal transition ("H" –> "L") when inputting 20 MHz clock whose duty ratio is 45 - 55% (± 5%) to CLKIN:
0.5VCC
0.5VCC
td(CLKIN-HACKL)
td(CLKIN-HACKHX)
td(CLKIN-HACKH)
td(CLKIN-HACKLX)
td(CLKIN-AZX)
td(CLKIN-AZ)
tsu(HREQ-CLKIN)
41
42
43
44
45
46
47
*1
*1
th(CLKIN-HREQ)
40
*2
*2
*2
*2


Numéro de pièce similaire - M32000D4BFP-80

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
M32000D4AFP MITSUBISHI-M32000D4AFP Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
More results

Description similaire - M32000D4BFP-80

FabricantNo de pièceFiches techniqueDescription
logo
Mitsubishi Electric Sem...
32170 MITSUBISHI-32170 Datasheet
571Kb / 49P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
logo
Epson Company
S1C33401 EPSON-S1C33401 Datasheet
219Kb / 12P
   CMOS 32-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32000D3FP MITSUBISHI-M32000D3FP Datasheet
565Kb / 45P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER???
M32171F4VFP MITSUBISHI-M32171F4VFP Datasheet
375Kb / 37P
   SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
   SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
CXR702F080 SONY-CXR702F080 Datasheet
298Kb / 32P
   CMOS 32-bit Single Chip Microcomputer
CXR704060 SONY-CXR704060 Datasheet
426Kb / 45P
   CMOS 32-bit Single Chip Microcomputer
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
   SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com