Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

M32000D4BFP-80 Datasheet(Fiches technique) 38 Page - Mitsubishi Electric Semiconductor

Numéro de pièce M32000D4BFP-80
Description  SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   
Télécharger  44 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MITSUBISHI [Mitsubishi Electric Semiconductor]
Site Internet  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M32000D4BFP-80 Datasheet(HTML) 38 Page - Mitsubishi Electric Semiconductor

Back Button M32000D4BFP-80 Datenblatt HTML 34Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 35Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 36Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 37Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datasheet HTML 38Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 39Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 40Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 41Page - Mitsubishi Electric Semiconductor M32000D4BFP-80 Datenblatt HTML 42Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
MITSUBISHI MICROCOMPUTERS
M32000D4BFP-80
38
Fig. 34 Output switching characteristic measurement circuit
CL = 50 pF
CMOS output
CMOS output
(during floating delay time measurement)
measured pin
CL = 50 pF
measured pin
0.5VCC
1.0 k
Fig. 35 Input waveform and timing reference point during characteristic measurement
Fig. 36 Output timing measurement point during characteristic measurement
timing reference point
0.8VCC
0.2VCC
CMOS output (when not specified)
0.9VCC
CMOS output
(during floating delay time measurement)
0.1VCC
0.6VCC
0.4VCC
"H"
→ "Z"
"L"
→ "Z"
"Z"
→ "H"
"Z"
→ "L"
timing reference point
(when not specified)
"H" input level
"L" input level
VCC
0.0 V
0.9VCC
0.1VCC
0.8VCC
0.9VCC
0.1VCC
0.2VCC
CMOS input
schmitt trigger input
"H" input level
"L" input level
VCC
0.0 V
CLKIN input
"H" input level
"L" input level


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
M32000D3FPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER   1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M32171F4VFPSINGLE-CHIP 32-BIT CMOS MICROCOMPUTER     1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B4XMXHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
32170SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B57MCSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38B79MFHSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C2XMXSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C34M6ASINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
M38C89MFSINGLE-CHIP 8-BIT CMOS MICROCOMPUTER    1 2 3 4 5 MoreMitsubishi Electric Semiconductor
ML671000OKI’s CMOS 32-Bit Single-Chip Microcontroller with Built-in USB Device Controller 1 2 3 4 5 MoreOKI electronic componets

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn